Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

246CTI-V Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 246CTI-V
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

246CTI-V Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 246CTI-V Datasheet HTML 2Page - Vishay Siliconix 246CTI-V Datasheet HTML 3Page - Vishay Siliconix 246CTI-V Datasheet HTML 4Page - Vishay Siliconix 246CTI-V Datasheet HTML 5Page - Vishay Siliconix 246CTI-V Datasheet HTML 6Page - Vishay Siliconix 246CTI-V Datasheet HTML 7Page - Vishay Siliconix 246CTI-V Datasheet HTML 8Page - Vishay Siliconix 246CTI-V Datasheet HTML 9Page - Vishay Siliconix 246CTI-V Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
246 CTI-V
www.vishay.com
Vishay BCcomponents
Revision: 12-Apr-17
7
Document Number: 28424
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 7 - Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
Fig. 8 - Typical impedance as a function of frequency
Fig. 9 - Typical impedance as a function of frequency
IMPEDANCE (Z)
Fig. 10 - Typical impedance as a function of frequency
T
amb = 20 °C
ESR0 = typical ESR at 20 °C, 100 Hz
0.1
10
10
4
10
3
10
2
10
5
1
10
f (Hz)
ESR
ESR0
1500-25-1616
2700-25-1821
100
10
1
0.1
0.01
10
100
1000
10 000
100 000
f (Hz)
Z
(
Ω)
100
1000
10
1
0.1
0.01
10
100
1000
10 000
100 000
f (Hz)
Z
(
Ω)
470-63-1616
1000-63-1821
f (Hz)
0.1
1
10
100
1000
10 000
10
100
1000
10 000
100 000
Curve 1: 150-100-1616
Curve 2: 220-100-1621
Curve 3: 330-100-1821
Z
(
Ω)
1
2
3


Similar Part No. - 246CTI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
246CTI-V VISHAY-246CTI-V Datasheet
131Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
246CTI-V VISHAY-246CTI-V_V01 Datasheet
131Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
More results

Similar Description - 246CTI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
260CLA-V VISHAY-260CLA-V Datasheet
141Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
Revision: 12-Apr-17
246CTI-V VISHAY-246CTI-V_V01 Datasheet
131Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
260CLA-V VISHAY-260CLA-V_V01 Datasheet
137Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
01-Jan-2023
246RTI-V VISHAY-246RTI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
Revision: 14-Mar-17
246RTI-V VISHAY-246RTI-V_V01 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
260RLA-V VISHAY-260RLA-V_V01 Datasheet
129Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com