Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1371C-100BGC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1371C-100BGC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1371C-100BGC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1371C-100BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1371C-100BGC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1371C
CY7C1373C
Document #: 38-05234 Rev. *D
Page 8 of 33
DQs
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,8,9,
12,13,18,19,
22,23,24,25,
28,29
K6,L6,M6,
N6,K7,L7,
N7,P7,E6,
F6,G6,H6,
D7,E7,G7,
H7,D1,E1,
G1,H1,E2,
F2,G2,H2,
K1,L1,N1,
P1,K2,L2,
M2,N2
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2
M2,
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an
on-chip data register that is triggered by the rising edge
of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented
during the previous clock rise of the read cycle. The
direction of the pins is controlled by OE. When OE is
asserted LOW, the pins behave as outputs. When HIGH,
DQs and DQP[A:D] are placed in a tri-state condition.The
outputs are automatically tri-stated during the data portion
of a write sequence, during the first clock when emerging
from a deselected state, and when the device is
deselected, regardless of the state of OE.
DQP[A:D]
51,80,1,30 P6,D6,D2,
P2
N11,C11,C1,
N1
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these
signals are identical to DQs. During write sequences,
DQP[A:D] is controlled by BW[A:D] correspondingly.
MODE
31
R3
R1
Input Strap Pin Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When
tied to VDD or left floating selects interleaved burst
sequence.
VDD
15,41,65,91 J2,C4,J4,
R4,J6
D4,D8,E4,
E8,F4,F8,
G4,G8,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the device.
VDDQ
4,11,20,27,
54,61,70,77
A1,F1,J1,
M1,U1,
A7,F7,J7,
M7,U7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
5,10,17,21,
26,40,55,60,
67,71,76,90
D3,E3,F3,
H3,K3,
M3,N3,
P3,D5,E5,
F5,H5,K5,
M5,N5,P5
C4,C5,C6,
C7,C8,D5,
D6,D7,E5,
E6,E7,F5,
F6,F7,G5,
G6,G7,H5,
H6,H7,J5,
J6,J7,K5,K6,
K7,L5,L6,L7,
M5,M6,M7,
N4,N8
Ground
Ground for the device.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the
negative edge of TCK. If the JTAG feature is not being
utilized, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be left floating or connected to VDD through a pull
up resistor. This pin is not available on TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be disconnected or connected to VDD. This pin is
not available on TQFP packages.
CY7C1371C–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1371C-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1371B-100AC CYPRESS-CY7C1371B-100AC Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1371B-100AI CYPRESS-CY7C1371B-100AI Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1371B-100BGC CYPRESS-CY7C1371B-100BGC Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1371B-100BGI CYPRESS-CY7C1371B-100BGI Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results

Similar Description - CY7C1371C-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com