Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3930E Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS3930E
Description  Hex Nonvolatile Potentiometer with I/O and Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3930E Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS3930E Datasheet HTML 4Page - Dallas Semiconductor DS3930E Datasheet HTML 5Page - Dallas Semiconductor DS3930E Datasheet HTML 6Page - Dallas Semiconductor DS3930E Datasheet HTML 7Page - Dallas Semiconductor DS3930E Datasheet HTML 8Page - Dallas Semiconductor DS3930E Datasheet HTML 9Page - Dallas Semiconductor DS3930E Datasheet HTML 10Page - Dallas Semiconductor DS3930E Datasheet HTML 11Page - Dallas Semiconductor DS3930E Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Hex Nonvolatile Potentiometer with
I/O and Memory
8
______________________________________________________________________
I/O Signals
The I/O pins can be used as general-purpose digital
I/O signals. The I/O pins have CMOS outputs with an
internal pullup resistor (see Figure 2). The I/O pins are
configured with the I/O Control register (F6h) and moni-
tored with the I/O State register (F7h). The I/O Control
register controls the state of the internal pullup resistor
(RI/O) with bits 7 to 4 and the I/O pin setting with bits 3
to 0 (see Table 1). The read-only values of the I/O State
register contains the values of the I/O pin setting bits of
the I/O Control register unless the I/O output is tri-stat-
ed. When the I/O is tri-stated the I/O State register will
read high or low depending on the external source on
the I/O pin. Since the I/O pins are controlled by EEP-
ROM, the number of writes is limited.
Memory
The memory map is shown in Table 2.
Table 2. Memory Map
ADDRESS
BIT
DEFAULT (HEX)
FUNCTION
00h to 3Fh
FF
64 bytes of general-purpose EEPROM
40h to EFh
FF
Reserved
F0h
FF
Controls potentiometer 0
F1h
FF
Controls potentiometer 1
F2h
FF
Controls potentiometer 2
F3h
FF
Controls potentiometer 3
F4h
FF
Controls potentiometer 4
F5h
FF
Controls potentiometer 5
F6h
0F
I/O Control
Bit 7
Set to 0 to enable I/O3 pullup, set to 1 to disable pullup
Bit 6
Set to 0 to enable I/O2 pullup, set to 1 to disable pullup
Bit 5
Set to 0 to enable I/O1 pullup, set to 1 to disable pullup
Bit 4
Set to 0 to enable I/O0 pullup, set to 1 to disable pullup
Bit 3
Sets I/O3 to 0 or 1
Bit 2
Sets I/O2 to 0 or 1
Bit 1
Sets I/O1 to 0 or 1
Bit 0
Sets I/O0 to 0 or 1
F7h
0X
I/O State
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
Contains state of I/O3 pin (read only)
Bit 2
Contains state of I/O2 pin (read only)
Bit 1
Contains state of I/O1 pin (read only)
Bit 0
Contains state of I/O0 pin (read only)
F8h to FFh
FF
Reserved
PULLUP CTRL
(I/O CONTROL
REGISTER)
(BITS 7 TO 4)
I/O PIN SETTING
(I/O CONTROL
REGISTER)
(BITS 3 TO 0)
I/O PIN OUTPUT
00
0
01
1
10
0
11
Pullup disabled (HI-Z)
Table 1. I/O Pin Truth Table


Similar Part No. - DS3930E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
   RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
More results

Similar Description - DS3930E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
AD5255 AD-AD5255 Datasheet
626Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. 0
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com