Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2502S-UNW-PPPP Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2502S-UNW-PPPP
Description  UniqueWare Add-Only Memory
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502S-UNW-PPPP Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2502S-UNW-PPPP Datasheet HTML 1Page - Dallas Semiconductor DS2502S-UNW-PPPP Datasheet HTML 2Page - Dallas Semiconductor DS2502S-UNW-PPPP Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS2502/5/6-UNW
3 of 3
102099
SAMPLE 2: EUI-64 FireWire
TM NODE ADDRESS Figure 2a
(unused)
CRC16
Company ID Value
Extension ID Value
Project ID
Length
MSB
LSB
MSB
LSB
MSB
LSB
MSB LSB
17 bytes
2 bytes
3 bytes constant
5 bytes serialization
4 bytes
1 byte
FFH
assigned by IEEE
constant
0CH
high address
low address
PHYSICAL ADDRESS AND DATA MAPPING Figure 2b
ADDRESS
0E
0D
0C
0B
0A
09
08
07
06
05
04
03
02
01
00
DATA
xx
xx
ch
cm
cl
hh
hm
mm
ml
ll
00
00
pp
pp
0C
xx xx = CRC16, value depends on actual data
ch cm cl = high, medium and low byte of the IEEE assigned “Company ID”
hh hm mm ml ll = high, medium and low byte of the “Extension ID” or serialization
pp pp = Project ID assigned by Dallas Semiconductor
FireWire
TM is a trademark of Apple Computer, Inc.


Similar Part No. - DS2502S-UNW-PPPP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502S DALLAS-DS2502S Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
DS2502S DALLAS-DS2502S Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2502S++ MAXIM-DS2502S+ Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
DS2502S+T&R MAXIM-DS2502S+T&R Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
logo
Dallas Semiconductor
DS2502S/R DALLAS-DS2502S/R Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
More results

Similar Description - DS2502S-UNW-PPPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
   16Kb Add-Only Memory
071107
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
   64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
   1Kb Add-Only Memory
Rev 12/11
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
   16-kbit Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
logo
ON Semiconductor
N21C21A ONSEMI-N21C21A Datasheet
454Kb / 16P
   1 Kb 1-Wire EPROM Add-Only Memory
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com