Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK34B Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # SK34B
Description  Surface Mount Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK34B Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  SK34B Datasheet HTML 1Page - GOOD-ARK Electronics SK34B Datasheet HTML 2Page - GOOD-ARK Electronics SK34B Datasheet HTML 3Page - GOOD-ARK Electronics SK34B Datasheet HTML 4Page - GOOD-ARK Electronics SK34B Datasheet HTML 5Page - GOOD-ARK Electronics SK34B Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SK32B thru SK36B
Surface Mount Schottky Rectifier
Reverse Voltage 20V to 60V Forward Current 3A
Soldering Parameters
Peak Temperature :
260+0/-5°C
Dipping Time :
10 seconds
Soldering :
1 time
Do not exceed
260°C
260°C
Wave Soldering
Ramp-down Rate
6°C/second max
6°C/second max
Time 25°C to peak Temperature (TP)
6 minutes Max.
8 minutes Max.
Peak Temperature (TP)
240+0/-5 °C
240+0/-5°C
Time within 5°C of actual peak Temperature (tp)
10 –30 seconds
20 – 40 seconds
TS(max) to TL - Ramp-up Rate
3°C/second max
3°C/second max
Reflow
- Temperature (TL) (Liquidus)
183°C
217°C
- Time (min to max) (ts)
60 – 150 seconds
60 – 150 seconds
- Time (min to max) (ts)
60 – 120 secs
60 – 180 secs
Average ramp up rate (Liquidus) Temp (TL) to peak
3°C/second max
3°C/second max
Reflow Soldering
Sn-Pb Eutectic Assembly
Pb-Free assembly
Pre Heat
- Temperature Min (Ts(min))
100°C
150°C
- Temperature Max (Ts(max))
150°C
200°C
www.goodark.com
5/6
2015.11-Rev.B


Similar Part No. - SK34B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK34B MCC-SK34B Datasheet
622Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK34B MCC-SK34B Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
SMC Diode Solutions Co....
SK34B SMCDIODE-SK34B Datasheet
218Kb / 4P
   SK34B SCHOTTKY RECTIFIER
Rev. A
logo
Taiwan Semiconductor Co...
SK34B TSC-SK34B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK34B MCC-SK34B Datasheet
309Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK34B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com