Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21Q58L Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS21Q58L
Description  E1 Quad Transceiver
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q58L Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS21Q58L Datasheet HTML 1Page - Dallas Semiconductor DS21Q58L Datasheet HTML 2Page - Dallas Semiconductor DS21Q58L Datasheet HTML 3Page - Dallas Semiconductor DS21Q58L Datasheet HTML 4Page - Dallas Semiconductor DS21Q58L Datasheet HTML 5Page - Dallas Semiconductor DS21Q58L Datasheet HTML 6Page - Dallas Semiconductor DS21Q58L Datasheet HTML 7Page - Dallas Semiconductor DS21Q58L Datasheet HTML 8Page - Dallas Semiconductor DS21Q58L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
1 of 74
REV: 012104
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS21Q58 E1 quad transceiver contains all the
necessary functions for connecting to four E1 lines.
The DS21Q58 is a direct replacement for the
DS21Q50, with the addition of signaling access and
improved interrupt handling. It is composed of a line
interface unit (LIU), framer, and a TDM backplane
interface, and is controlled through an 8-bit parallel
port configured for Intel or Motorola bus operations or
serial port operation.
APPLICATIONS
DSLAMs
Routers
IMA and WAN Equipment
PIN CONFIGURATION
FEATURES
§
Four Complete E1 (CEPT) PCM-30/ISDN-PRI
Transceivers
§
Pin Compatible with the DS21Q50 and DS21Q59
§
Short-Haul Line Interfaces
§
32-Bit or 128-Bit Crystal-Less Jitter Attenuator
§
Frames to FAS, CAS, and CRC4 Formats
§
CAS/CCS Signaling Support
§
4MHz/8MHz/16MHz Clock Synthesizer
§
Flexible System Clock with Automatic Source
Switching on Loss-of-Clock Source
§
Two-Frame Elastic-Store Slip Buffer on the
Receive Side
§
Interleaving PCM Bus Operation Up to
16.384MHz
§
Configurable Parallel and Serial Port Operation
§
Detects and Generates Remote and AIS Alarms
§
Fully Independent Transmit and Receive
Functionality
§
Four Separate Loopback Functions
§
PRBS Generation/Detection/Error Counting
§
3.3V Low-Power CMOS
§
Large Counters for Bipolar and Code Violations,
CRC4 Codeword Errors, FAS Word Errors, and
E Bits
§
Eight Additional User-Configurable Output Pins
§ 100-Pin (14mm x 14mm) LQFP Package
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS21Q58L
0°C to +70°C
100 LQFP
DS21Q58LN
-40°C to +85°C
100 LQFP
LQFP
1
100
Dallas
Semiconductor
DS21Q58
TOP VIEW
DS21Q58
E1 Quad Transceiver
www.maxim-ic.com
Go to www.maxim-ic.com/telecom for a complete list of
Telecommunications data sheets, evaluation kits, application
notes, and software downloads.


Similar Part No. - DS21Q58L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q58 MAXIM-DS21Q58 Datasheet
17Kb / 3P
   Dallas Semiconductor
06/01/04 Rev B1
More results

Similar Description - DS21Q58L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q50 MAXIM-DS21Q50 Datasheet
770Kb / 87P
   Quad E1 Transceiver
DS21Q59 MAXIM-DS21Q59_V01 Datasheet
657Kb / 76P
   E1 Quad Transceiver
REV: 090104
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
logo
PMC-Sierra, Inc
PM6341 PMC-PM6341 Datasheet
42Kb / 2P
   E1 TRANSCEIVER
logo
Maxim Integrated Produc...
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
logo
Integrated Device Techn...
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com