Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32B Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SK32B
Description  Surface Mount Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK32B Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SK32B Datasheet HTML 1Page - GOOD-ARK Electronics SK32B Datasheet HTML 2Page - GOOD-ARK Electronics SK32B Datasheet HTML 3Page - GOOD-ARK Electronics SK32B Datasheet HTML 4Page - GOOD-ARK Electronics SK32B Datasheet HTML 5Page - GOOD-ARK Electronics SK32B Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SK32B thru SK36B
Surface Mount Schottky Rectifier
Reverse Voltage 20V to 60V Forward Current 3A
(SK32B thru SK34B)
Figure 6. Typical Reverse Characteristics
(SK35B thru SK36B)
Figure 5. Typical Instantaneous Forward Characteristics
(SK35B thru SK36B)
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
25℃
50℃
75℃
100℃
125℃
150℃
0.10
1.00
10.00
100.00
1000.00
10000.00
100000.00
10
20
30
40
50
60
70
80
90
100
110
Percent of Rated Peak Reverse Voltage (%)
25℃
50℃
75℃
100℃
125℃
150℃
www.goodark.com
3/6
2015.11-Rev.B


Similar Part No. - SK32B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32B MCC-SK32B Datasheet
622Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Shanghai Leiditech Elec...
SK32B LEIDITECH-SK32B Datasheet
617Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK32B TSC-SK32B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK32B MCC-SK32B Datasheet
309Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK32B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com