Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPL4519G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DPL4519G
Description  Sound Processor for Digital and Analog Surround Systems
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DPL4519G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DPL4519G Datasheet HTML 1Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 2Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 3Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 4Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 5Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 6Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 7Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 8Page - List of Unclassifed Manufacturers DPL4519G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Contents, continued
Page
Section
Title
PRELIMINARY DATA SHEET
DPL 4519G
Micronas
3
16
3.3.
DPL 4519G Programming Interface
16
3.3.1.
User Registers Overview
19
3.3.2.
Description of User Registers
19
3.3.2.1.
Write Registers on I2C Subaddress 10hex
21
3.3.2.2.
Read Registers on I2C Subaddress 11hex
21
3.3.2.3.
Write Registers on I2C Subaddress 12hex
33
3.3.2.4.
Read Registers on I2C Subaddress 13hex
34
3.4.
Programming Tips
34
3.5.
Examples of Minimum Initialization Codes
34
3.5.1.
Micronas Dolby Digital chipset (with MAS 3528E)
35
4.
Specifications
35
4.1.
Outline Dimensions
37
4.2.
Pin Connections and Short Descriptions
40
4.3.
Pin Descriptions
43
4.4.
Pin Configurations
45
4.5.
Pin Circuits
47
4.6.
Electrical Characteristics
47
4.6.1.
Absolute Maximum Ratings
48
4.6.2.
Recommended Operating Conditions (TA = 0 to 70 °C)
48
4.6.2.1.
General Recommended Operating Conditions
48
4.6.2.2.
Analog Input and Output Recommendations
49
4.6.2.3.
Crystal Recommendations
50
4.6.3.
Characteristics
50
4.6.3.1.
General Characteristics
51
4.6.3.2.
Digital Inputs, Digital Outputs
52
4.6.3.3.
Reset Input and Power-Up
53
4.6.3.4.
I2C-Bus Characteristics
54
4.6.3.5.
I2S-Bus Characteristics
56
4.6.3.6.
Analog Baseband Inputs and Outputs, AGNDC
58
4.6.3.7.
Power Supply Rejection
58
4.6.3.8.
Analog Performance
61
5.
Appendix A: Application Information
61
5.1.
Phase Relationship of Analog Outputs
62
5.2.
Application Circuit
64
6.
Data Sheet History
License Notice:
“Dolby Pro Logic” and “Dolby Digital” are trademarks of Dolby Laboratories.
Supply of this implementation of Dolby Technology does not convey a license nor imply a right under any patent, or any other industrial or intellec-
tual property right of Dolby Laboratories, to use this implementation in any finished end-user or ready-to-use final product. Companies planning to
use this implementation in products must obtain a license from Dolby Laboratories Licensing Corporation before designing such products.


Similar Part No. - DPL4519G

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DPL4 COPAL-DPL4 Datasheet
438Kb / 2P
   Non-Illuminated Type
More results

Similar Description - DPL4519G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
logo
STMicroelectronics
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com