Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC201B2S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC201B2S
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC201B2S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC201B2S Datasheet HTML 1Page - GOOD-ARK Electronics SGC201B2S Datasheet HTML 2Page - GOOD-ARK Electronics SGC201B2S Datasheet HTML 3Page - GOOD-ARK Electronics SGC201B2S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC201B2S
Surface Mount Schottky Rectifier
Reverse Voltage 120V Forward Current 20A
Features
• Heatsink design
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile - typical height of 1.1 mm
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
VRRM
V
VRMS
V
VDC
V
IFSM
A
TJ, TSTG
°C
IF=1A
IF=2A
IF=5A
IF=20A
IF=1A
IF=2A
IF=5A
IF=20A
CJ
pF
RθJA1)
RθJL2)
Note1)Mounted on FR-4 P.C.B with 30*30mm copper pad area
2)On aluminum substrate PCB with recommended copper pad area
℃/W
juntion to lead
3
Typical junction capacitance
4.0 V, 1 MHz
1576
Typical thermal resistance
juntion to ambient
27
0.2
Maximum instantaneous forward voltage
mA
TA=125℃
16.8
30
Maximum DC reverse current at rated DC
blocking voltage
Rated VR
TA=25℃
IR
0.019
TA=25℃
VF
0.37
0.42
-
TA=125℃
0.25
-
0.30
-
0.42
-
0.60
Unit
Volts
0.407
0.45
0.48
0.55
0.74
0.79
Parameter
Test Conditions
Symbol
TYP.
MAX.
A
20.0
2)
Operating junction and storage temperature
range
-55 to +150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
250
Maximum repetitive peak reverse voltage
120
Maximum RMS voltage
84
Maximum DC blocking voltage
120
Maximum average forward rectified current
IF(AV)
10.0
1)
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
SGC201B2S
Unit
Anode 1
Anode 2
Cathode
& Heatsink
eSGC (TO-277)
www.goodark.com
1/4
2015.08-Rev.A


Similar Part No. - SGC201B2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC201BS GOOD-ARK-SGC201BS Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BSD GOOD-ARK-SGC201BSD Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
More results

Similar Description - SGC201B2S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com