Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER101AL Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ER101AL
Description  Ultra Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ER101AL Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ER101AL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ER101AL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Diffusde junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
Case:JEDEC A--405,molded plastic
Polarity: Color band denotes cathode
Weight: 0.008 ounces,0.23 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
UNITS
Maximumrecurrent peak reverse voltage
VRRM
100
150
200
300
400
600
V
MaximumRMS voltage
VRMS
70
105
140
210
280
420
V
MaximumDCblocking voltage
VDC
100
150
200
300
400
600
V
Maximumaverage forward rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-wave
superimposed on rated load
@T
J=125
Maximuminstantaneous forw ard voltage
@ 1.0A
VF
V
Maximumreverse current
@T
A=25
at rated DCblocking voltage @T
A=100
Maximum reverse recovery time (Note1)
t rr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.95
1.25
1.7
50
150.0
5.0
35
17
35
50
1.0
3.Thermal resistance junction to ambient
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
30.0
A
IF(AV)
VOLTAGE RANGE: 50 --- 600 V
CURRENT:
1.0 A
A - 405
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
ER
100L
ER
101L
ER
101AL
ER
102L
ER
103L
ER
ER
104L
106L
Dimensions in millimeters
ER100L-ER106L
Ultra Fast Rectifiers
Features
Mechanical Data
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - ER101AL

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
ER101AL DSK-ER101AL Datasheet
263Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - ER101AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com