Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1340F-100AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1340F-100AI
Description  4-Mb (128K x 32) Pipelined DCD Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1340F-100AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1340F-100AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1340F-100AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY7C1340F
Document #: 38-05219 Rev. *A
Page 4 of 17
Pin Descriptions
Pin
TQFP
Type
Description
A0, A1, A
37,36,32,33
34,35,44,45,
46,47,48,49,
50,81,82,99,
100
Input-
Synchronous
Address Inputs used to select one of the 128K address locations. Sampled at
the rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3
are sampled active. A[1:0] are fed to the two-bit counter.
BWA, BWB,
BWC, BWD
93,94,95,96
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes
to the SRAM. Sampled on the rising edge of CLK.
GW
88
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge
of CLK, a global write is conducted (ALL bytes are written, regardless of the values
on BW[A:D] and BWE).
BWE
87
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a byte write.
CLK
89
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
CE1
98
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1
is HIGH.
CE2
97
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
CE3
92
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
OE
86
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the
DQ pins. When LOW, the DQ pins behave as outputs. When deasserted HIGH, DQ
pins are three-stated, and act as input data pins. OE is masked during the first clock
of a read cycle when emerging from a deselected state.
ADV
83
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK, active LOW. When
asserted, it automatically increments the address in a burst cycle.
ADSP
84
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A[1:0] are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH.
ADSC
85
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A[1:0] are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
64
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted HIGH places the device in a
non-time-critical “sleep” condition with data integrity preserved. For normal opera-
tion, this pin has to be LOW or left floating. ZZ pin has an internal pull-down.
DQs
52,53,56,57,
58,59,62,63
68,69,72,73,
74,75,78,79
2,3,6,7,8,9,
12,13
18,19,22,23,
24,25,28,29
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by the addresses presented during the previous
clock rise of the read cycle. The direction of the pins is controlled by OE. When OE
is asserted LOW, the pins behave as outputs. When HIGH, DQs are placed in a
three-state condition.
VDD
15,41,65,
91
Power Supply Power supply inputs to the core of the device.
VSS
17,40,67,
90
Ground
Ground for the core of the device.
VDDQ
4,11,20,27,
54,61,70,77
I/O Power
Supply
Power supply for the I/O circuitry.


Similar Part No. - CY7C1340F-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340A-100AC CYPRESS-CY7C1340A-100AC Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340A-66AI CYPRESS-CY7C1340A-66AI Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1340G-133AXC CYPRESS-CY7C1340G-133AXC Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1340F-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
   2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1326F CYPRESS-CY7C1326F Datasheet
331Kb / 15P
   2-Mb (128K x 18) Pipelined Sync SRAM
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com