Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K20LV-3AJC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT40K20LV-3AJC
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K20LV-3AJC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT40K20LV-3AJC Datasheet HTML 1Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 2Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 3Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 4Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 5Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 6Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 7Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 8Page - ATMEL Corporation AT40K20LV-3AJC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1
Features
Ultra High Performance
– System Speeds to 100 MHz
– Array Multipliers > 50 MHz
– 10nsFlexibleSRAM
– Internal Tri-state Capability in Each Cell
FreeRAM
– Flexible, Single/Dual Port, Synchronous/Asynchronous 10 ns SRAM
– 2,048 - 18,432 Bits of Distributed SRAM Independent of Logic Cells
128 - 384 PCI Compliant I/Os
– 3V/5V Capability
– Programmable Output Drive
– Fast, Flexible Array Access Facilitates Pin Locking
– Pin-compatible with XC4000, XC5200 FPGAs
8 Global Clocks
– Fast, Low Skew Clock Distribution
– Programmable Rising/Falling Edge Transitions
– Distributed Clock Shutdown Capability for Low Power Management
– Global Reset/Asynchronous Reset Options
– 4 Additional Dedicated PCI Clocks
Cache Logic® Dynamic Full/Partial Re-configurability In-System
– Unlimited Re-programmability via Serial or Parallel Modes
– Enables Adaptive Designs
– Enables Fast Vector Multiplier Updates
– QuickChange
Tools for Fast, Easy Design Changes
Pin-compatible Package Options
– Plastic Leaded Chip Carriers (PLCC)
– Thin, Plastic Quad Flat Packs (LQFP, TQFP, PQFP)
– Ball Grid Arrays (BGAs)
Industry-standard Design Tools
– Seamless Integration (Libraries, Interface, Full Back-annotation) with
Concept
®, Everest, Exemplar,Mentor®, OrCAD®,Synario, Synopsys®,
Verilog
®, Veribest®, Viewlogic®, Synplicity®
– Timing Driven Placement & Routing
– Automatic/Interactive Multi-chip Partitioning
– Fast, Efficient Synthesis
– Over 75 Automatic Component Generators Create 1000s
of Reusable, Fully Deterministic Logic and RAM Functions
Intellectual Property Cores
– Fir Filters, UARTs, PCI, FFT and Other System Level Functions
Easy Migration to Atmel Gate Arrays for High Volume Production
Supply Voltage 5V for AT40K, and 3.3V for AT40KLV
5K - 50K Gates
Coprocessor
FPGA with
FreeRAM
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Rev. 0896C–FPGA–04/02


Similar Part No. - AT40K20LV-3AJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K20 ATMEL-AT40K20 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K20AL ATMEL-AT40K20AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K20AL ATMEL-AT40K20AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
More results

Similar Description - AT40K20LV-3AJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com