Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6100 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # P6100
Description  10.4 SVGA TFT Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6100 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  P6100_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6100_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
675
* All specifications and photos are subject to change without notice.
Front Bezel
NEMA 4/12 (IP65)-compliant, metal front bezel
Mounting
Panel mount, wall mount or VESA arm
FPMPMI mounting (video electronics standards association
flat panel monitor physical mounting interface)
LCD Panel
Display Type
10.4" SVGA TFT LCD
Max. Resolution
800 x 600
Max. Colors
16.2M/262k
Active Area (mm)
211.2 x 158.4
Pixel Pitch (mm)
0.264 x 0.264
Response Time
35ms
Backlight
LED
Backlight MTBF
30,000 hrs
Viewing Angle(H/V) 160°/130°
Contrast Ratio
500 (TYP.)
Brightness (cd/m
2)
230 nits
Display Control
OSD (on screen display)
Display Mode
VGA 640 x 480 (60/72Hz)
SVGA 800 x 600 (60/72Hz)
Input Signal
VGA Video: R.G.B Analog 0.7v Peak-to-Peak
DVI (Only for DVI-D)
Touchscreen: Serial RS-232 or USB interface
Video (optional)
S-video (optional)
Introduction
Specifications
The P6100 is a slim & compact industrial LCD monitor equipped with 10.4-inch 230
nits brightness SVGA LCD display and supports multi-signal interfaces including DVI-D,
VGA, S-Video, and video. Featuring NEMA 4/12 & IP65 compliant front bezel, screw-
type adaptor plug design, and 12/24V DC-In means it is fit for all kinds of industrial
environments. Moreover, the P6100 supports panel mount, wall mount or VESA FPMPMI
(Video Electronics Standards Association Flat Panel Monitor Physical Mounting Interface)
mounting. With the compact mechanism design, users can enjoy free from space
constraint. This compact size industrial-grade flat panel monitor is ideal for varied
industrial or commercial projects, such as transportation, POI, HMI, and even rugged
environments.
Side view
7. DC power input
8. T/S port
9. DVI (Only for DVI-D)
1. Exit
2. Menu
3. SEL-
4. SEL+5. Power LED
6. Power switch
10. VGA
11. Video (CVBS)
12. S-video
6
1
2
4
3
5
7
8
9
10
11 12
10.4" SVGA TFT Industrial LCD Monitor
Features
10.4" SVGA TFT LED backlight LCD
NEMA 4/12 (IP65)- compliant flat panel monitor
Resistive touchscreen
Supports full range screw-type (locked) AC-in or 24V DC-in
(option)
Supports multi-signal inputs: VGA, S-video, Video and DVI-D
Supports panel mount, wall mount and VESA arm
P6100


Similar Part No. - P6100_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6100 AXIOMTEK-P6100_16 Datasheet
420Kb / 2P
   Supports full range screw-type (locked) AC-in or 24V DC-in
More results

Similar Description - P6100_17

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AMB-232A AAEON-AMB-232A Datasheet
229Kb / 2P
   10.4??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3110 ADVANTECH-IDS-3110_14 Datasheet
324Kb / 2P
   10.4" SVGA Industrial Open Frame Monitor
IDS-3110 ADVANTECH-IDS-3110 Datasheet
349Kb / 2P
   10.4" SVGA Industrial Open Frame Monitor
IDS-3210 ADVANTECH-IDS-3210_14 Datasheet
372Kb / 2P
   10.4" SVGA Industrial Panel Mount Monitor
IDS-3210 ADVANTECH-IDS-3210 Datasheet
460Kb / 2P
   10.4' SVGA Industrial Panel Mount Monitor
logo
AU Optronics Corp.,
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
   10.4 SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com