Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1197E-861 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P1197E-861
Description  19 SXGA TFT Expandable Industrial Touch Panel Computer with 3rd/2nd Gen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P1197E-861 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P1197E-861_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. P1197E-861_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
614
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
1
0
IO Connector
3 x RS-232 (COM 2-4)
1 x RS-232/422/485 (COM 1)
1 x DVI-D
1 x VGA
6 x USB 2.0 (back)
2 x USB 2.0 (front)
2 x 10/100/1000 Mbps Ethernet (Realtek RTL8111E)
1 x Audio (Mic-in/Line-out)
1 x PS/2 keyboard & mouse combo
Expansion Interface
1 x PCIe x4 or 1 x PCI
Touchscreen
5-wire resistive type
Light transmission 79%
1 million activations (typical) at a single point
Power Supply
100 ~ 240 VAC, 270 W
Power Consumption
162 W
Dimensions
469 mm (18.46") (W) x 94.7 mm (3.73") (D) x 380.8 mm
(14.99") (H)
Packing Dimension
615 mm (24.21") (W) x 250 mm (9.84") (D) x 585 mm (23.03") (H)
Weight(net/gross)
8 kg (17.64 lb)/ 10.4 kg (22.93 lb)
Environment
Operating temperature: 0°C ~ +45°C (+32°F ~ +113°F)
Relative humidity: 10% ~ 90% @ 40°C, non-considering
Operating vibration: 1.0G, 5-500Hz, random
Certificate
CE
Ordering Information
Specifications
Optional OS Installation
P1197E-861 w/ PCIe
19" SXGA expandable industrial touch panel computer with
LGA1155 socket 3rd & 2nd generation Intel® Core™ i7/i5/
i3, Pentium® & Celeron® processor, resistive touch screen
and 1 PCIe x4 slot, 100~240 VAC
P1197E-861 w/ PCI
19" SXGA expandable industrial touch panel computer with
LGA1155 socket 3rd & 2nd generation Intel® Core™ i7/i5/
i3, Pentium® & Celeron® processor, resistive touch screen
and 1 PCI slot, 100~240 VAC
* Specification and certifications are based on requirements and may vary.
Windows® XP/XPe
Windows® 7/8.1
Windows® Embedded 7/8
Dimensions
Less screw design
Optional Accessories
82211970060E
DVD-RW kit
82211970070E
VESA & wall mount kit
82231870240E
Wireless LAN kit
E981604011
ATC10 (VESA arm clamp type)
E981604012
ATW10 (VESA arm wall mount)


Similar Part No. - P1197E-861_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P1197E-861 AXIOMTEK-P1197E-861 Datasheet
438Kb / 2P
   Robust aluminum with IP65 compliant front bezel design
More results

Similar Description - P1197E-861_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P1177E-871 AXIOMTEK-P1177E-871_17 Datasheet
430Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
P1127E-871 AXIOMTEK-P1127E-871_17 Datasheet
437Kb / 2P
   12.1 XGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
P1157E-871 AXIOMTEK-P1157E-871_17 Datasheet
443Kb / 2P
   15 XGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
P1177S-871 AXIOMTEK-P1177S-871_17 Datasheet
376Kb / 2P
   17 SXGA TFT Slim Industrial Touch Panel Computer with 3rd Gen
P1177E-500 AXIOMTEK-P1177E-500 Datasheet
483Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer
P1177E-842 AXIOMTEK-P1177E-842_17 Datasheet
376Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer with Intel Celeron
P1157S-871 AXIOMTEK-P1157S-871_17 Datasheet
390Kb / 2P
   15 XGA TFT Slim Industrial Touch Panel Computer with 3rd Gen
GOT3177T-311-FR AXIOMTEK-GOT3177T-311-FR Datasheet
640Kb / 2P
   17 SXGA TFT Flat Bezel Expandable Touch Panel Computer
P1157E-500 AXIOMTEK-P1157E-500 Datasheet
358Kb / 2P
   15 XGA TFT Expandable Industrial Touch Panel Computer with 7th/6th Gen
P1177S-881 AXIOMTEK-P1177S-881_17 Datasheet
416Kb / 2P
   17 SXGA TFT Slim Industrial Touch Panel Computer with 4th Gen Intel Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com