Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0852V-133BBI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C0852V-133BBI
Description  FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852V-133BBI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C0852V-133BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 9Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 10Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 11Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 12Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 13Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 14Page - Cypress Semiconductor CY7C0852V-133BBI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY7C0850V/CY7C0851V
CY7C0852V/CY7C0853V
Document #: 38-06070 Rev. *D
Page 11 of 29
IEEE 1149.1 Serial Boundary Scan (JTAG)[13]
The
CY7C0850V/CY7C0851V/CY7C0852V/CY7C0853V
incorporates an IEEE 1149.1 serial boundary scan test access
port (TAP). The TAP controller functions in a manner that does
not conflict with the operation of other devices using
1149.1-compliant
TAPs.
The
TAP
operates
using
JEDEC-standard 3.3V I/O logic levels. It is composed of three
input connections and one output connection required by the
test logic defined by the standard.
Performing a TAP Reset
A reset is performed by forcing TMS HIGH (VDD) for five rising
edges of TCK. This reset does not affect the operation of the
devices, and may be performed while the devices are
operating. An MRST must be performed on the devices after
power-up.
Performing a Pause/Restart
When a SHIFT-DR PAUSE-DR SHIFT-DR is performed the
scan chain will output the next bit in the chain twice. For
example, if the value expected from the chain is 1010101, the
device will output a 11010101. This extra bit will cause some
testers to report an erroneous failure for the devices in a scan
test. Therefore the tester should be configured to never enter
the PAUSE-DR state.
.
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
H
H
L
H
11
0s
1
0
1
0
1
01
00
Xs
1
X
0
X
0
X0
11
Xs
1
X
1
X
1
X1
00
Xs
1
X
0
X
0
X0
Masked Address
Unmasked Address
Mask
Register
bit-0
Address
Counter
bit-0
CNTINT
Example:
Load
Counter-Mask
Register = 3F
Load
Address
Counter = 8
Max
Address
Register
Max + 1
Address
Register
Figure 2. Programmable Counter-Mask Register Operation[1, 12]
Table 4. Identification Register Definitions
Instruction Field
Value
Description
Revision Number (31:28)
0h
Reserved for version number.
Cypress Device ID (27:12)
C001h
Defines Cypress part number for the CY7C0851V
C002h
Defines Cypress part number for the CY7C0852V and CY7C0853V
C092h
Defines Cypress part number for the CY7C0850V
Cypress JEDEC ID (11:1)
034h
Allows unique identification of the DP family device vendor.
ID Register Presence (0)
1
Indicates the presence of an ID register.
Notes:
12. The “X” in this diagram represents the counter upper bits.
13. Boundary scan is IEEE 1149.1-compatible. See “Performing a Pause/Restart” for deviation from strict 1149.1 compliance


Similar Part No. - CY7C0852V-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852V-133BBI CYPRESS-CY7C0852V-133BBI Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852V-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com