Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0852V-133BBC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C0852V-133BBC
Description  FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852V-133BBC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C0852V-133BBC Datasheet HTML 1Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 2Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CY7C0850V/CY7C0851V
CY7C0852V/CY7C0853V
Document #: 38-06070 Rev. *D
Page 5 of 29
Pin Configurations (continued)
132
131
130
129
128
127
126
125
124
123
122
104
121
120
119
118
117
116
115
114
113
112
111
110
109
103
108
107
106
105
NC
A6R
A5R
A4R
VDD
VSS
DQ35R
DQ34R
A1R
A2R
A3R
A0R
A7R
B0R
B1R
CE1R
B2R
B3R
OER
CE0R
VDD
VDD
VSS
VSS
R/WR
CLKR
MRST
ADSR
CNTENR
A8R
CNTRSTR
CNT/MSKR
A9R
A10R
A11R
A12R
VSS
VDD
A13R
A14R
A15R[2]
A16R[2]
DQ24R
DQ20R
NC
A6L
A5L
A4L
VDD
VSS
DQ35L
DQ34L
A1L
A2L
A3L
A0L
A7L
B0L
B1L
CE1L
B2L
B3L
OEL
CE0L
VDD
VDD
VSS
VSS
R/WL
CLKL
VSS
ADSL
CNTENL
A8L
CNTRSTL
CNT/MSKL
A9L
A10L
A11L
A12L
VSS
VDD
A13L
A14L
A15L[2]
A16L[2]
DQ24L
DQ20L
102
91
101
100
99
98
97
96
90
95
94
93
92
89
1
2
3
4
5
6
7
8
9
10
11
29
12
13
14
15
16
17
18
19
20
21
22
23
24
30
25
26
27
28
31
42
32
33
34
35
36
37
43
38
39
40
41
44
CY7C0850V
CY7C0851V
CY7C0852V
176-pin Thin Quad Flat Pack (TQFP)
Top View


Similar Part No. - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852V-133BBC CYPRESS-CY7C0852V-133BBC Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com