Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373C Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1373C
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373C Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1373C Datasheet HTML 1Page - Cypress Semiconductor CY7C1373C Datasheet HTML 2Page - Cypress Semiconductor CY7C1373C Datasheet HTML 3Page - Cypress Semiconductor CY7C1373C Datasheet HTML 4Page - Cypress Semiconductor CY7C1373C Datasheet HTML 5Page - Cypress Semiconductor CY7C1373C Datasheet HTML 6Page - Cypress Semiconductor CY7C1373C Datasheet HTML 7Page - Cypress Semiconductor CY7C1373C Datasheet HTML 8Page - Cypress Semiconductor CY7C1373C Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
CY7C1371C
CY7C1373C
Document #: 38-05234 Rev. *D
Page 5 of 33
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DQPC
DQC
DQD
DQC
DQD
AA
A
A
VDDQ
CE2
A
DQC
VDDQ
DQC
VDDQ
VDDQ
VDDQ
DQD
DQD
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
NC / 36M
NC / 72M
NC
VDDQ
VDDQ
VDDQ
AA
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQC
DQA
DQA
DQA
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQB
VDD
DQC
DQC
DQC
VDD
DQD
DQD
DQD
DQD
ADV/LD
NC
CE1
OE
A
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPA
MODE
DQPD
DQPB
BWB
BWC
NC
VDD
NC
BWA
NC
CEN
BWD
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQB
DQB
DQB
DQB
AA
A
A
VDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC / 72M
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A
NC / 36M
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQB
NC
NC
DQA
NC
DQA
DQA
NC
NC
DQA
NC
DQA
NC
DQA
NC
DQA
VDD
NC
DQB
NC
VDD
DQB
NC
DQB
NC
ADV/LD
NC
CE1
OE
A
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPB
DQPA
VSS
BWB
NC
VDD
NC
BWA
NC
CEN
VSS
ZZ
CY7C1373C (1M x 18)
CY7C1371C (512K x 36)
119-ball BGA (3 Chip Enables with JTAG)
A
A


Similar Part No. - CY7C1373C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373B CYPRESS-CY7C1373B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1373B-100AC CYPRESS-CY7C1373B-100AC Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1373B-100AI CYPRESS-CY7C1373B-100AI Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1373B-100BGC CYPRESS-CY7C1373B-100BGC Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1373B-100BGI CYPRESS-CY7C1373B-100BGI Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results

Similar Description - CY7C1373C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com