Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCZD55B12 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # ECCZD55B12
Description  500mW Surface Mount Zener Diodes - 2.0V-100V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCZD55B12 Datasheet(HTML) 3 Page - E-CMOS Corporation

  ECCZD55B12 Datasheet HTML 1Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 2Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 3Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 4Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 5Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 6Page - E-CMOS Corporation ECCZD55B12 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
500mW Surface Mount Zener
Diodes - 2.0V-100V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 7
5D14N-Rev. F001
ECCZD55C(B)2V0~
ECCZD55C(B)100
Electrical characteristics (at T =25 C unless otherwise noted)
Zener
Test
Zener impedance
Leakage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Part No.
Min.(V)
Nom.(v)
MAX.(V)
mA
Max.( )
Max.( )
mA
(uA)Max
Volts
ECCZD55B2V0
1.96
2.0
2.04
5.0
100
600
1.0
150
1.0
ECCZD55B2V2
2.12
2.2
2.24
5.0
100
600
1.0
150
1.0
ECCZD55B2V4
2.35
2.4
2.45
5.0
85
600
1.0
50
1.0
ECCZD55B2V7
2.65
2.7
2.75
5.0
85
600
1.0
10
1.0
ECCZD55B3V0
2.94
3.0
3.06
5.0
85
600
1.0
4.0
1.0
ECCZD55B3V3
3.23
3.3
3.37
5.0
85
600
1.0
2.0
1.0
ECCZD55B3V6
3.53
3.6
3.67
5.0
85
600
1.0
2.0
1.0
ECCZD55B3V9
3.82
3.9
3.98
5.0
85
600
1.0
2.0
1.0
ECCZD55B4V3
4.21
4.3
4.39
5.0
75
600
1.0
1.0
1.0
ECCZD55B4V7
4.61
4.7
4.79
5.0
60
600
1.0
0.5
1.0
ECCZD55B5V1
5.00
5.1
5.20
5.0
35
550
1.0
0.1
1.0
ECCZD55B5V6
5.49
5.6
5.71
5.0
25
450
1.0
0.1
1.0
ECCZD55B6V2
6.08
6.2
6.32
5.0
10
200
1.0
0.1
2.0
ECCZD55B6V8
6.66
6.8
6.94
5.0
8
150
1.0
0.1
3.0
ECCZD55B7V5
7.35
7.5
7.65
5.0
7
50
1.0
0.1
5.0
ECCZD55B8V2
8.04
8.2
8.36
5.0
7
50
1.0
0.1
6.2
ECCZD55B9V1
8.92
9.1
9.28
5.0
10
50
1.0
0.1
6.8
ECCZD55B10
9.8
10
10.2
5.0
15
70
1.0
0.1
7.5
ECCZD55B11
10.8
11
11.2
5.0
20
70
1.0
0.1
8.2
ECCZD55B12
11.8
12
12.2
5.0
20
90
1.0
0.1
9.1
ECCZD55B13
12.7
13
13.3
5.0
26
110
1.0
0.1
10
ECCZD55B15
14.7
15
15.3
5.0
30
110
1.0
0.1
11
ECCZD55B16
15.7
16
16.3
5.0
40
170
1.0
0.1
12
ECCZD55B18
17.6
18
18.4
5.0
50
170
1.0
0.1
13
ECCZD55B20
19.6
20
20.4
5.0
55
220
1.0
0.1
15
ECCZD55B22
21.6
22
22.4
5.0
55
220
1.0
0.1
16
ECCZD55B24
23.5
24
24.5
5.0
80
220
1.0
0.1
18
ECCZD55B27
26.5
27
27.5
5.0
80
220
1.0
0.1
20
ECCZD55B30
29.4
30
30.6
5.0
80
220
1.0
0.1
22
ECCZD55B33
32.3
33
33.7
5.0
80
220
1.0
0.1
24
ECCZD55B36
35.3
36
36.7
5.0
80
220
1.0
0.1
27
ECCZD55B39
38.2
39
39.8
2.5
90
500
1.0
0.1
30
ECCZD55B43
42.1
43
43.9
2.5
90
600
0.5
0.1
33
ECCZD55B47
46.1
47
47.9
2.5
110
700
0.5
0.1
36
ECCZD55B51
50.0
51
52.0
2.5
125
700
0.5
0.1
39
ECCZD55B56
54.9
56
57.1
2.5
135
1000
0.5
0.1
43
ECCZD55B62
60.8
62
63.2
2.5
150
1000
0.5
0.1
47
ECCZD55B68
66.6
68
69.4
2.5
200
1000
0.5
0.1
51
ECCZD55B75
73.5
75
76.5
2.5
250
1500
0.5
0.1
56
ECCZD55B82
80.4
82
83.6
2.5
300
2000
0.5
0.1
62
ECCZD55B91
89.2
91
92.8
1.0
450
5000
0.1
0.1
68
ECCZD55B100
98
100
102
1.0
450
5000
0.1
0.1
75


Similar Part No. - ECCZD55B12

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
More results

Similar Description - ECCZD55B12

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com