Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GOT815-834 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part No. GOT815-834
Description  15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

GOT815-834 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
588
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
1
0
GOT815-834-C-DC
15" XGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom® E3827, projected capacitive
touch screen, flat bezel design and 9 ~ 36 VDC power input
GOT815-834-C-RF-DC
15" XGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom® E3827, projected capacitive
touch screen, flat-bezel design, 9 ~ 36 VDC power input and
Wi-Fi or 3G
GOT815-834-R-DC
15" XGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom® E3827, 5-wire flat resistive
touch screen, flat bezel design and 9 ~ 36 VDC power input
GOT815-834-R-RF-DC
15" XGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom® E3827, 5-wire flat resistive
touch screen, flat-bezel design, 9 ~ 36 VDC power input and
Wi-Fi or 3G
*Specifications and certifications may vary according to various options.
I/O Connector
2 x RS-232/422/485 (default RS-232, A-Coded)
4 x USB 2.0 (A-Coded)
1 x 10/100/1000 Mbps Ethernet (X-Coded)
Expansion Interface
2 x PCI Express Mini Card slot
Touchscreen
5-wire resistive touch or projected capacitive multi-touch
Power Supply
Power input 9 ~ 36 VDC
Power Consumption
30 W
Dimensions
382 mm (15.4") (W) x 55 mm (2.17") (D) x 305 mm (12.01") (H)
Packing Dimensions
510 mm (20.07") (W) x 186 mm (7.32") (D) x 532 mm (20.94") (H)
Weight (net/gross)
5.2kg (11.46lb)/ 8.4kg (18.51lb)
Environment
Operating temperature: -20°C ~ +55°C (-4°F ~ +131°F)
Relative humidity: 10% ~ 95% @ 40°C, non-condensing
Operation vibration: 2G, 5 ~ 500Hz, random for 2.5" SSD
2G, 5 ~ 500Hz, random for CompactFlash™
Certificate
CE
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
594B8122100E
Water-proof COM cable (1.8 m)
594B8122820E
Water-proof USB cable (1.8 m)
594B8152710E
Water-proof LAN cable (1.8 m)
50966D45010E
Adapter 24V 120W. M12 A-code 5P. LTE120ES
822B8120070E  
GOT812 keyboard bracket (w/o keyboard)
WES 7
WE8S
Windows® 7
Windows® 8/8.1
Windows® 10
Ordering Information
Specifications
Optional Accessories
Optional EOS Installation
Optional OS Installation
Dimensions
Updated Sep. 22, 2017.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn