Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GOT815-834 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. GOT815-834
Description  15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

GOT815-834 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
587
* All specifications and photos are subject to change without notice.
Enclosure
Stainless type 316
LCD Panel
Display Type
15" XGA TFT LCD
Brightness (cd/m
2)
420 nits
Resolution
1024 x 768
Viewing Angle (H/V) 160°/160°
Main System
CPU
Intel® Atom® processor E3827
1.75 GHz (Bay Trail)
Chipset
SoC Integrated
System Memory
1 x 204-pin DDR3L-1333 SO-DIMM
dual channel, up to 8GB
BIOS
AMI with Axiomtek standard
features; such as, SmartView,
Ethernet Boot ROM (RPL & PXE),
customer CMOS backup
Storage
1 x 2.5" SSD
1 x CFast™
Watchdog Timer
255 levels, 1 ~ 255 sec.
Onboard Graphics
Integrated in Intel® GFX
The 15-inch GOT815 is specially designed for food processing applications. Its IP66-rated
stainless steel housing protects entire system from damage of water, powder and dust. It
also supports a wide operating temperature range from -20°C to +55°C. Thus, this robust
unit is best suited for extreme humility, dusty or wet spaces in food factories or kitchens
and more harsh applications.
Full IP66 and IP69K Compliance
The GOT815 adopts a water/dust-proof housing design with five IP66-rated connectors,
M12 I/O connectors and IP69K compliance that ensures the product’s ability to resist
ingress of high temperature and high pressure water. It passed entire system IP66 test
by SGS, and verified salt mist test. Additionally, it was tested by a spray nozzle with high
temperature water (+80°C), a ow rate of 14 ~ 16 L/min and a nozzle hold with distance
10 ~ 15 cm away from the device at angles of 0°, 30°, 60° and 90° for 30 seconds. The
GOT815 is qualified to meet harsh environment applications.
Wide Temp. (-20°C to +55°C) & Anti-vibration (2G) Design
The GOT815 featuring fanless and noiseless design supports a wide operating
temperature range from -20°C to +55°C. Besides, the patent of anti-vibration for SSD
ensures system reliability and stability.
Introduction
Specifications
Side view
1
10
2
3
1. Backlight switch
2. Brightness adjust
3. Power switch (ATX)
4. DC power connector (A-coded)
5. COM 1 (RS-232/422/485) (A-coded)
4
5 6 7
8
waterproof, dust proof
ventilation valve
9
GOT815-834
15" XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
Panel Computer with Intel® Atom® Processor E3827 and Flat Bezel Design
(-20°C to +55°C)
Features
15" XGA TFT LCD flat bezel projected capacitive (or resistive)
touch
IP66/IP69K-rated (NEMA 4X) water/dust/corrosion-proof design
Full stainless steel enclosure with type 316
-20°C to +55°C wide operating temperature range
Fanless system with Intel® Atom® processor E3827
Wireless network connectivity
9 ~ 36 VDC wide range power input
M12 type I/O connectors for harsh environments
6. COM 2 (RS-232/422/485) (A-coded)
7. Ethernet (X-coded)
8. USB 2.0 x 2 (A-coded)
9. USB 2.0 x 2 (A-coded)
10.Wi-Fi/3G antenna x 3
(optional, only for RF version)
Fanless
Ext. Temp
IP66
Low Power
M12 Connector
DDR3
DDR3
DDR3
IP69K
Updated Sep. 22, 2017.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn