Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCSR1200L1HR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECCSR1200L1HR
Description  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCSR1200L1HR Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECCSR1200L1HR Datasheet HTML 1Page - E-CMOS Corporation ECCSR1200L1HR Datasheet HTML 2Page - E-CMOS Corporation ECCSR1200L1HR Datasheet HTML 3Page - E-CMOS Corporation ECCSR1200L1HR Datasheet HTML 4Page - E-CMOS Corporation ECCSR1200L1HR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-200V
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
4L05N-Rev. F001
ECCSR120-ECCSR1200
Marking
Part No
Marking
ECCSR120L1R / ECCSR120L1HR
SS12
ECCSR130L1R / ECCSR130L1HR
SS13
ECCSR140L1R / ECCSR140L1HR
SS14
ECCSR150L1R / ECCSR150L1HR
SS15
ECCSR160L1R / ECCSR160L1HR
SS16
ECCSR180L1R / ECCSR180L1HR
SS18
ECCSR1100L1R / ECCSR1100L1HR
S100
ECCSR1150L1R / ECCSR1150L1HR
S150
ECCSR1200L1R / ECCSR1200L1HR
S200
H: Halogen free
Suggested solder pad layout


Similar Part No. - ECCSR1200L1HR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0011-MH1-H E-CMOS-ECCSR0011-MH1-H Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0012-MH1 E-CMOS-ECCSR0012-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0012-MH1-H E-CMOS-ECCSR0012-MH1-H Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0013-MH1 E-CMOS-ECCSR0013-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - ECCSR1200L1HR

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com