Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9251 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9251
Description  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9251 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9251 Datasheet HTML 4Page - Analog Devices AD9251 Datasheet HTML 5Page - Analog Devices AD9251 Datasheet HTML 6Page - Analog Devices AD9251 Datasheet HTML 7Page - Analog Devices AD9251 Datasheet HTML 8Page - Analog Devices AD9251 Datasheet HTML 9Page - Analog Devices AD9251 Datasheet HTML 10Page - Analog Devices AD9251 Datasheet HTML 11Page - Analog Devices AD9251 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Data Sheet
AD9251
Rev. A | Page 7 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 4.
Parameter
Temp
AD9251-20/AD9251-40
AD9251-65
AD9251-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
Full
3
20/40
3
65
3
80
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
50/25
15.38
12.5
ns
CLK Pulse Width High (tCH)
25.0/12.5
7.69
6.25
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
Full
3
3
3
ns
DCO Propagation Delay (tDCO)
Full
3
3
3
ns
DCO to Data Skew (tSKEW)
Full
0.1
0.1
0.1
ns
Pipeline Delay (Latency)
Full
9
9
9
Cycles
Wake-Up Time2
Full
350
350
350
µs
Standby
Full
600/400
300
260
ns
OUT-OF-RANGE RECOVERY TIME
Full
2
2
2
Cycles
1
Conversion rate is the clock rate after the CLK divider.
2
Wake-up time is dependent on the value of the decoupling capacitors.


Similar Part No. - AD9251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-20EBZ AD-AD9251-20EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-40EBZ AD-AD9251-40EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-65EBZ AD-AD9251-65EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-80EBZ AD-AD9251-80EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com