Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9230 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9230_17 Datasheet HTML 25Page - Analog Devices AD9230_17 Datasheet HTML 26Page - Analog Devices AD9230_17 Datasheet HTML 27Page - Analog Devices AD9230_17 Datasheet HTML 28Page - Analog Devices AD9230_17 Datasheet HTML 29Page - Analog Devices AD9230_17 Datasheet HTML 30Page - Analog Devices AD9230_17 Datasheet HTML 31Page - Analog Devices AD9230_17 Datasheet HTML 32Page - Analog Devices AD9230_17 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD9230
Rev. 0 | Page 30 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
4.45
4.30 SQ
4.15
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
6.50
REF
SEATING
PLANE
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
0.05 MAX
0.02 NOM
0.30 MIN
EXPOSED
PAD
(BOTTOM VIEW)
Figure 65. 56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
8 mm × 8 mm Body, Very Thin Quad
(CP-56-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9230BCPZ-170
−40°C to +85°C
56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-56-2
1
AD9230BCPZ-210
−40°C to +85°C
56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-56-2
1
AD9230BCPZ-250
−40°C to +85°C
56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-56-2
1
AD9230-170EBZ
LVDS Evaluation Board with AD9230BCPZ-170
1
AD9230-210EBZ
LVDS Evaluation Board with AD9230BCPZ-210
1
AD9230-250EBZ
LVDS Evaluation Board with AD9230BCPZ-250
1
1 Z = Pb-free part.


Similar Part No. - AD9230_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230-170EB AD-AD9230-170EB Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
More results

Similar Description - AD9230_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com