Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC101BSD Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC101BSD
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC101BSD Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC101BSD Datasheet HTML 1Page - GOOD-ARK Electronics SGC101BSD Datasheet HTML 2Page - GOOD-ARK Electronics SGC101BSD Datasheet HTML 3Page - GOOD-ARK Electronics SGC101BSD Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC101BSD
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 10A
Features
• Heatsink design
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Solder dip 260 °C, 10 s
• Low profile - typical height of 1.1 mm
• Moisture sensitivity: level 1, per J-STD-020
• Halogen-free according to IEC 61249-2-21 definition
• High temperature soldering guaranteed: 260℃/10 seconds
Typical Applications
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
VRRM
V
VRMS
V
VDC
V
IF(AV)
1)
A
IFSM
A
TJ, TSTG
°C
IF=5A
IF=10A
IF=5A
IF=10A
VR=100V
uA
mA
CJ
nF
RθJM 1)
℃/W
Notes,1)Thermal resistance RθJM is junction to mount.Mounted on P.C.B with 30*30mm copper pad area
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
SGC101BSD
Unit
Maximum repetitive peak reverse voltage
100
Maximum RMS voltage
70
Maximum DC blocking voltage
100
Maximum average forward rectified current
10.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
180
Operating junction and storage temperature
range
-55 to +150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
TYP.
MAX.
Unit
Volts
0.58
0.65
TA=125℃
0.42
-
0.53
0.60
Maximum DC reverse current at rated DC
blocking voltage
TA=25℃
IR
25
250
TA=125℃
18
Maximum instantaneous forward voltage
TA=25℃
VF
0.49
-
100
Typical junction capacitance
4.0 V, 1 MHz
1.08
Typical thermal resistance
juntion to mount
10.0
Anode 1
Anode 2
Cathode
& Heatsink
eSGC (TO-277)
www.goodark.com
1/4
2015.03-Rev.A


Similar Part No. - SGC101BSD

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
More results

Similar Description - SGC101BSD

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com