Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL34 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # PSL34
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PSL34 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  PSL34 Datasheet HTML 1Page - GOOD-ARK Electronics PSL34 Datasheet HTML 2Page - GOOD-ARK Electronics PSL34 Datasheet HTML 3Page - GOOD-ARK Electronics PSL34 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSL32 thru PSL34
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 3A
Features
• Heatsink structure
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Super Low VF Schottky barrier diodes
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device, power supplies
and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ
°C
TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=1mA
VBR
IF=1A,Ta=25℃
IF=2A,Ta=25℃
IF=3A,Ta=25℃
IF=3A,Ta=125℃
Ta=25℃
uA
Ta=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
60
6
℃/W
Maximum instantaneous
forward voltage
VF
0.38
30
210
28
PSL32
PSL33
PSL34
Unit
0.4
(typ.:0.36)
Maximum DC reverse current
at rated DC blocking voltage
IR
150
40
Volts
-
(typ.:0.40)
0.45
(typ.:0.42)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
80
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Rating for fusing(t<8.3ms)
26.7
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
Maximum DC blocking voltage
20
30
40
Maximum average forward rectified current
3.0
Maximum repetitive peak reverse voltage
20
30
40
Maximum RMS voltage
14
21
28
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
PSL32
PSL33
PSL34
Unit
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.03-Rev.A


Similar Part No. - PSL34

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSL34 PACELEADER-PSL34 Datasheet
275Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL34-A PACELEADER-PSL34-A Datasheet
263Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
More results

Similar Description - PSL34

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com