Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCBRX40100CT Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # PCBRX40100CT
Description  Trench Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PCBRX40100CT Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  PCBRX40100CT Datasheet HTML 1Page - GOOD-ARK Electronics PCBRX40100CT Datasheet HTML 2Page - GOOD-ARK Electronics PCBRX40100CT Datasheet HTML 3Page - GOOD-ARK Electronics PCBRX40100CT Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
PCBR(X)40100CT
Trench Schottky Barrier Rectifier
Reverse Voltage 100 Volts Forward Current 40 Amperes
www.goodark.com                             2 / 4                   2014.11REV.A      
 
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)


Similar Part No. - PCBRX40100CT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
   Vertical and horizontal version
logo
Skyworks Solutions Inc.
PCB-00210 SKYWORKS-PCB-00210 Datasheet
454Kb / 4P
   3400 to 3600 MHz Single-Junction Robust Lead Circulator
April 4, 2020
PCB-00263 SKYWORKS-PCB-00263 Datasheet
392Kb / 4P
   2496 to 2690 MHz Single-Junction Robust Lead Circulator
October 21, 2020
PCB-00284 SKYWORKS-PCB-00284 Datasheet
614Kb / 4P
   3300 to 3800 MHz Single-Junction Robust Lead Circulator
November 12, 2020
logo
List of Unclassifed Man...
PCB-1 ETC2-PCB-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
More results

Similar Description - PCBRX40100CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
   Trench Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
   Trench Barrier Schottky Rectifier
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
   Trench Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com