Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBRX20100S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HBRX20100S
Description  Trench Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HBRX20100S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HBRX20100S Datasheet HTML 1Page - GOOD-ARK Electronics HBRX20100S Datasheet HTML 2Page - GOOD-ARK Electronics HBRX20100S Datasheet HTML 3Page - GOOD-ARK Electronics HBRX20100S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
HBR(X)20100S
Trench Schottky Barrier Rectifier
Reverse Voltage 100 Volts Forward Current 20 Amperes
www.goodark.com                             1 / 4                   2014.11REV.A      
 
Features
Ultra Low VF=0.49V at IF=5A (25°C)
Ultra Low VF=0.59V at IF=10A (25°C)
● Low forward voltage drop, low power losses
● High efficiency operation
● Plastic package has underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
● Case: Epoxy, Molded
● Weight: 1.9grams(TO220/ITO220),1.40grams(TO263)(approximately)
● Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes: 260°C Max. for 10 sec
●Shipped 50 units per plastic tube or tape reel packing 800/reel(TO263)
Maximum Ratings & Electrical Characteristics
(TA=25
℃ unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
HBR(X)20100S
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Working peak reverse voltage
VRWM
100
V
Maximum DC blocking voltage
VDC
100
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per diode
IFSM
150
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
2.0
A
Voltage rate of change(rated VR
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Isolation voltage (ITO-220-AB only) from terminal to heatsink t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=10A
IF=10A
TC=25℃
TC=125℃
VF
0.64(0.59 TYP)
0.58
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
500
50
uA
mA
Thermal Characteristics TA=25℃ unless otherwise noted
Symbol
Parameter
TYP(TO-220-AB/TO263)
TYP(ITO-220-AB)
Unit
RθJC
Thermal Resistance, Junction to Case per Leg
2.0
4.0
°C /W
RθJA
Thermal Resistance, Junction to Ambient per Leg
62.5
62.5
°C /W
Note:
Pulse test:300us pulse width, duty cycle=2%
Package: ITO-220-AB
HBRF20100S
Package: TO-220-AB
HBR20100S
Package: TO-263
HBRB20100S


Similar Part No. - HBRX20100S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HBRX20100CT GOOD-ARK-HBRX20100CT Datasheet
312Kb / 4P
   Trench Schottky Barrier Rectifier
More results

Similar Description - HBRX20100S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
   Trench Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
   Trench Barrier Schottky Rectifier
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
   Trench Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com