Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCU877GQL Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCU877GQL
Description  1.8V PHASE LOCK LOOP CLOCK DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877GQL Datasheet(HTML) 2 Page - Texas Instruments

  CDCU877GQL Datasheet HTML 1Page - Texas Instruments CDCU877GQL Datasheet HTML 2Page - Texas Instruments CDCU877GQL Datasheet HTML 3Page - Texas Instruments CDCU877GQL Datasheet HTML 4Page - Texas Instruments CDCU877GQL Datasheet HTML 5Page - Texas Instruments CDCU877GQL Datasheet HTML 6Page - Texas Instruments CDCU877GQL Datasheet HTML 7Page - Texas Instruments CDCU877GQL Datasheet HTML 8Page - Texas Instruments CDCU877GQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
5
A
B
C
D
E
F
3
2
1
G
H
4
Y2
CK
NB
NB
NB
NB
NB
NB
Y1
MicroStar Junior (GQL) Package
(TOP VIEW)
J
K
NB
Y2
CK
AGND
AVDD
Y3
GND
GND
VDDQ
VDDQ
VDDQ
VDDQ
GND
GND
Y6
GND
Y7
GND
Y7
OS
FBIN
VDDQ
FBIN
OE
FBOUT
VDDQ
FBOUT
GND
Y8
GND
NC − No Connection
NB − No Ball
VDDQ
VDDQ
NB
VDDQ
VDDQ
40-pin HP-VFQFP-N (6,0 x 6,0 mm Body Size,
0,5 mm Pitch, M0#220, Variation VJJD-2,
E2 = D2 = 2,9 mm
± 0,15 mm) Package Pinouts
RTB PACKAGE
(TOP VIEW)
37 36 35 34 33
11 12
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
Y7
Y7
VDDQ
FBIN
FBIN
FBOUT
FBOUT
VDDQ
OE
OS
VDDQ
Y2
Y2
CK
CK
VDDQ
AGND
AVDD
VDDQ
GND
38
32
13 14 15 16 17 18
31
40 39
19 20
GND


Similar Part No. - CDCU877GQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI1-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQLR TI1-CDCU877GQLR Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCU877GQL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Integrated Circuit Syst...
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
   DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com