Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC408AJE-TR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408AJE-TR
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408AJE-TR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC408AJE-TR Datasheet HTML 1Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 2Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 3Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 4Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 5Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 6Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 7Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 8Page - National Semiconductor (TI) CLC408AJE-TR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
96mA output current
s
1.5mA supply current
s
130MHz bandwidth (Av = +2)
s
-85/-75dBc HD2/HD3 (1MHz)
s
15ns settling to 0.2%
s
350V/
µs slew rate
s
Dual version available (CLC418)
Applications
s
Coaxial cable driver
s
Twisted pair driver
s
Transformer/coil driver
s
High capacitive load driver
s
Video line driver
s
ADSL/HDSL driver
s
Portable/battery-powered line driver
s
A/D driver
VEE
Rf1
+
-
CLC408
Rt1
Z0
Rf2
-
+
CLC426
VinA
Rg2
Rt2
Rm1
VoB
Rf1
+
-
CLC408
Rt1
Rf2
-
+
CLC426
VinB
Rg2
Rt2
Rm1
VoA
Typical Application Diagram
Full Duplex Cable Driver
Pinout
DIP & SOIC
General Description
The Comlinear CLC408 delivers high output drive current
(96mA), but consumes minimal quiescent supply current
(1.5mA). Its current feedback architecture, fabricated in an
advanced complementary bipolar process, maintains consistent
performance over a wide range of gains and signal levels.
The CLC408 offers superior dynamic performance with a
130MHz small-signal bandwidth, 350V/
µs slew rate and 4.6ns
rise/fall times (2Vpp). The combination of low quiescent power,
high output drive current, and high-speed performance make
the CLC408 a great choice for many portable and battery-
powered personal communication and computing systems.
The CLC408 drives low-impedance loads, including capacitive
loads, with little change in performance. Into a 100
Ω load, it
delivers -85/-64dBc second/third harmonic distortion (Av = +2,
Vo = 2Vpp, f = 1MHz). With a 25Ω load, and the same
conditions, it produces only -67/-62dBc second/third harmonic
distortion. It is also an excellent choice for driving high currents
into single-ended transformers and coils.
When driving the input of high resolution A/D converters, the
CLC408 provides excellent -85/-75dBc second/third harmonic
distortion and fast settling time (Av = +2, Vo = 2Vpp, f = 1MHz,
RL =1kΩ).
Non-Inverting Frequency Response
(Av = +2V/V, RL = 25
Ω)
Frequency (Hz)
10M
1M
100M
Comlinear CLC408
High-Speed, Low-Power Line Driver
N
August 1996
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC408AJE-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC408AJE-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com