Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-160H032A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-160H032A
Description  160 x 32 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160H032A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-160H032A Datasheet HTML 1Page - Vishay Siliconix LCD-160H032A Datasheet HTML 2Page - Vishay Siliconix LCD-160H032A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37354
2
Revision: 24-Mar-09
LCD-160H032A
Vishay
160 x 32 Graphic LCD
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VSS
Ground
2VDD
Power supply (+ 5 V)
3V0
Contrast adjustment
4A0
H: Data/L: Instruction
5CS1
CS1 = 0, CS2 = 0 select U1
CS1 = 1, CS2 = 0 select U2
CS1 = 0, CS2 = 1 select U3
6CS2
7
CL
External clock 2 kHz
8
E
Enable signal
9R/W
H: Read data/L: Write data
10
DB0
Data bus line
11
DB1
Data bus line
12
DB2
Data bus line
13
DB3
Data bus line
14
DB4
Data bus line
15
DB5
Data bus line
16
DB6
Data bus line
17
DB7
Data bus line
18
RES
H
→ L Reset the LCM
19
A
Power supply for LED B/L (+ 4.2 V)
20
K
Power supply for LED B/L (0 V)
DIMENSIONS in millimeters
0.4
0.44
Dot Size
1.6
4.7
9.3 Max.
EL or NO B/L
1.6
9.6
14.6 Max.
LED B/L
7.4
12.0 Max.
1.6
K
A
White LED B/L
48.26 (P2.54 x 19)
85.2 ± 0.5
80.2
74.0 (VA)
70.36 (AA)
20 x Ø 1.0 PTH
20 x Ø 1.8 PDA
Ø 2.5 PTH
Ø 4.0 PAD
2 x R1.25 PTH
2 x R2.0 PAD
R2.0 PTH
R2.5 PAD
14.0
1.8
120
78.2
3.0
7.42
5.6
2.5


Similar Part No. - LCD-160H032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160H032A VISHAY-LCD-160H032A Datasheet
69Kb / 3P
   160 x 32 Graphic LCDs
01-Jan-2022
LCD-160H032A VISHAY-LCD-160H032A Datasheet
70Kb / 3P
   160 x 32 Graphic LCD
01-Jan-2023
LCD-160H032A VISHAY-LCD-160H032A_V01 Datasheet
69Kb / 3P
   160 x 32 Graphic LCDs
01-Jan-2022
LCD-160H032A VISHAY-LCD-160H032A_V02 Datasheet
70Kb / 3P
   160 x 32 Graphic LCD
01-Jan-2023
More results

Similar Description - LCD-160H032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160H032A VISHAY-LCD-160H032A_V02 Datasheet
70Kb / 3P
   160 x 32 Graphic LCD
01-Jan-2023
LCD-160G032A VISHAY-LCD-160G032A_08 Datasheet
109Kb / 3P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G032A VISHAY-LCD-160G032A Datasheet
77Kb / 2P
   160 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-160H160A VISHAY-LCD-160H160A Datasheet
59Kb / 3P
   160 x 160 Graphic LCD
Revision: 26-Mar-09
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
   160 x 160 Graphic LCD
01-Jan-2023
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com