Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K10-2BQC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT40K10-2BQC
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K10-2BQC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT40K10-2BQC Datasheet HTML 1Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 2Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 3Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 4Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 5Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 6Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 7Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 8Page - ATMEL Corporation AT40K10-2BQC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Figure 2. Floor Plan (Representative Portion)
(1)
Note:
1. Repeaters regenerate signals and can connect any bus to any other bus (all path-
ways are legal) on the same plane. Each repeater has connections to two adjacent
local-bus segments and two express-bus segments. This is done automatically using
the integrated development system (IDS) tool.
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RH
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RV
RH
= Vertical Repeater
= Horizontal Repeater
= Core Cell
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM
RAM


Similar Part No. - AT40K10-2BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K10 ATMEL-AT40K10 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results

Similar Description - AT40K10-2BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com