Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF830 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SFF830
Description  8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SFF830 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SFF830 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SFF830 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
850-860
830-840
810-820
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
SFF810 – SFF860
SFF810 – SFF860
810-820
830-860


Similar Part No. - SFF830

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SFF830 DYELEC-SFF830 Datasheet
810Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - SFF830

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MUR810 ZSELEC-MUR810 Datasheet
203Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
HERF801 ZSELEC-HERF801 Datasheet
51Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER800F WTE-ER800F_06 Datasheet
56Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
SFB810 ZSELEC-SFB810 Datasheet
122Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR801 ZSELEC-MUR801 Datasheet
159Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810S ZSELEC-MUR810S Datasheet
184Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER800 WTE-ER800_06 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
MURF810 ZSELEC-MURF810 Datasheet
171Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF810 ZSELEC-SF810 Datasheet
97Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER800 ZSELEC-ER800 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com