Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFB2020CT Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SFB2020CT
Description  20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SFB2020CT Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SFB2020CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SFB2020CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SFB2010CT – SFB2060CT
SFB2010CT – SFB2060CT
0
4
8
12
16
20
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
2030 - 2060
2010 - 2020
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
2060
2030 - 2040
2010 - 1020


Similar Part No. - SFB2020CT

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SFB2 SPECTRUM-SFB2 Datasheet
674Kb / 2P
   Switched Filter B anks
More results

Similar Description - SFB2020CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURB2010CT ZSELEC-MURB2010CT Datasheet
165Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFF2010CT ZSELEC-SFF2010CT Datasheet
103Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURF2010CT ZSELEC-MURF2010CT Datasheet
152Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
ER2010FCT ZSELEC-ER2010FCT Datasheet
167Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR2010CT ZSELEC-MUR2010CT Datasheet
206Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF2020PT ZSELEC-SF2020PT Datasheet
159Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER2010CT ZSELEC-ER2010CT Datasheet
163Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF2010CT ZSELEC-SF2010CT Datasheet
100Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com