Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2030CT Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SF2030CT
Description  20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SF2030CT Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SF2030CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SF2030CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF2010CT – SF2060CT
SF2010CT – SF2060CT
Case: TO-220AB, Molded Plastic
Mounting Position: Any
Polarity: See Diagram
Terminals: Plated Leads Solderable per
High Surge Current Capability
Low Forward Voltage Drop
Glass Passivated Die Construction
20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
Features
!
!
Super-Fast Switching
!
!
Low Reverse Leakage Current
!
!
Plastic Material has UL Flammability
Classification 94V-O
               
Mechanical Data
!
!
MIL-STD-202, Method 208
!
!
Weight: 2.24 grams (approx.)
!
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
TO-220AB
10 .0A
V
V
1.0
70
140
210
280
350
420
V
100
200
300
400
500
600
V
205 0CT
2010CT
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TC = 100°C
IO
10.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
90
A
Forward Voltage
@I F=
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
400
µA
Reverse Recovery Time (Note 1)
trr
170
nS
Typical Junction Capacitance (Note 2)
Cj
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
2030CT
2020CT
2040CT
2060CT
1.3
1.7
130
35
L
M
A
N
P
D
E
K
C
B
G
12
3
J
HH
Pin1+
Pin3+
Pin2-
Case
+
TO-220AB
Dim
Min
Max
A
14.22
15.88
B
9.57
10.57
C
2.54
3.43
D
5.80
6.80
E
¾
6.35
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53
Æ 4.14Æ
L
3.56
4.83
M
1.07
1.47
N
0.30
0.64
P
2.03
2.92
All Dimensions in mm
SF
SF
SF
SF
SF
SF


Similar Part No. - SF2030CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF2030CT DYELEC-SF2030CT Datasheet
862Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF2030CT CHENDA-SF2030CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 20 Amperes
More results

Similar Description - SF2030CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MUR2020PT ZSELEC-MUR2020PT Datasheet
101Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR2010CT ZSELEC-MUR2010CT Datasheet
206Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF2020PT ZSELEC-SF2020PT Datasheet
159Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER2010CT ZSELEC-ER2010CT Datasheet
163Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB2010CT ZSELEC-MURB2010CT Datasheet
165Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB2010CT ZSELEC-SFB2010CT Datasheet
128Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFF2010CT ZSELEC-SFF2010CT Datasheet
103Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURF2010CT ZSELEC-MURF2010CT Datasheet
152Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
ER2010FCT ZSELEC-ER2010FCT Datasheet
167Kb / 2P
   20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com