Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521V107M016ATE050 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T521V107M016ATE050
Description  T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 50mOhms, Height Max = 2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521V107M016ATE050 Datasheet(HTML) 1 Page - Kemet Corporation

  T521V107M016ATE050 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/25/2017 - ffe97ad9-56a4-4a9c-b81f-8d33754bf98e
KEMET Part Number: T521V107M016ATE050
T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 50
mOhms, Height Max = 2mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
1.8mm +/-0.2mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
X
0.05mm REF
Packaging Specifications
Weight: 274.3 mg
Packaging: T&R, 178mm
Packaging Quantity: 1000
General Information
Supplier: KEMET
Series: T521
Dielectric: Polymer Tantalum
Style: SMD Chip
Description: SMD, Polymer, Molded, Low
Profile/ESR, NonCombustible
Features: Low ESR, High Voltage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 20%
Voltage DC: 16 VDC (105C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 50 mOhms (100kHz 25C)
Current:
1900 mAmps (100kHz 45C),
1330 mAmps (85C), 475 mAmps
(125C)
Leakage Current: 160 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T521V107M016ATE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521V107M016ATE040 KEMET-T521V107M016ATE040 Datasheet
72Kb / 1P
   T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40 mOhms, 7343, Height Max = 2mm
More results

Similar Description - T521V107M016ATE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521V476M016ATE055 KEMET-T521V476M016ATE055 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 55mOhms, Height Max = 2mm
T521V686M016ATE040 KEMET-T521V686M016ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 68 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 2mm
T521V686M016ATE090 KEMET-T521V686M016ATE090 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 68 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, Height Max = 2mm
T521V476M016ATE040 KEMET-T521V476M016ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 2mm
T521V476M020ATE080 KEMET-T521V476M020ATE080 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 20 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 80mOhms, Height Max = 2mm
T521V476M020ATE055 KEMET-T521V476M020ATE055 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 20 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 55mOhms, Height Max = 2mm
T521V107M020ATE055 KEMET-T521V107M020ATE055 Datasheet
69Kb / 1P
   T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 20 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 55 mOhms, 7343, Height Max = 2mm
T521V476M016ATE070 KEMET-T521V476M016ATE070 Datasheet
69Kb / 1P
   T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70 mOhms, 7343, Height Max = 2mm
T521V685M050ATE070 KEMET-T521V685M050ATE070 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 6.8 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70mOhms, Height Max = 2mm
T521V107M016ATE040 KEMET-T521V107M016ATE040 Datasheet
72Kb / 1P
   T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40 mOhms, 7343, Height Max = 2mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com