Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521D475M063ATE075 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T521D475M063ATE075
Description  Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D475M063ATE075 Datasheet(HTML) 1 Page - Kemet Corporation

  T521D475M063ATE075 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - fc11bea7-1ac0-427e-a29c-0d5495219336
KEMET Part Number: T521D475M063ATE075
Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms,
Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 434.83 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T521
Description: SMD, Polymer, Molded, Low
ESR, Non-Combustible
Features: Low ESR, High Voltage
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 4.7 uF
Capacitance Tolerance: 20%
Voltage DC: 63 VDC (105C), 42.21 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 75 mOhms (100kHz 25C)
Current:
1700 mAmps (100kHz 45C),
1190 mAmps (85C), 425 mAmps
(125C)
Leakage Current: 29.6 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T521D475M063ATE075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D475M063ATE300 KEMET-T521D475M063ATE300 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 300 mOhms, Height Max = 3.1mm
More results

Similar Description - T521D475M063ATE075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
T521D475M063ATE300 KEMET-T521D475M063ATE300 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 300 mOhms, Height Max = 3.1mm
T521D685M063ATE075 KEMET-T521D685M063ATE075 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 6.8 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 7343, Height Max = 3.1mm
T521X226M063ATE075 KEMET-T521X226M063ATE075 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 7343, Height Max = 4.3mm
T521D476M020ATE040 KEMET-T521D476M020ATE040 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 20 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 7343, Height Max = 3.1mm
T521D107M020ANE055 KEMET-T521D107M020ANE055 Datasheet
79Kb / 1P
   T521, Tantalum, Polymer Tantalum, 100 uF, 20%, 20 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 55 mOhms, 7343, Height Max = 3.1mm
T521D107M020ATE055 KEMET-T521D107M020ATE055 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T521, 100 uF, 20%, 20 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 55 mOhms, Height Max = 3.1mm
T521D476M016ATE040 KEMET-T521D476M016ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 3.1mm
T521D107M025ATE060 KEMET-T521D107M025ATE060 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 100 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 60 mOhms, Height Max = 3.1mm
T521D476M016ATE070 KEMET-T521D476M016ATE070 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, 7343, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com