Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSN254 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BSN254
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BSN254 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2002 Feb 19
4
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
Fig.2 Switching times test circuit.
handbook, halfpage
MBB691
50
VDD = 50 V
ID
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT
handbook, halfpage
0
1.2
0.8
0.4
0
50
100
200
150
MRC238
Ptot
(W)
Tamb (°C)
Fig.4 Power derating curve.
handbook, halfpage
02
10
VDS (V)
1.2
0.4
0
0.8
4
(1)
(2)
(3)
(4)
(5)
(7)
6
ID
(A)
8
MGU569
(6)
Fig.5
Typical output characteristics.
Tj =25 °C.
(1) VGS =10V.
(2) VGS =5V.
(3) VGS =4V.
(4) VGS = 3.5 V.
(5) VGS =3V.
(6) VGS = 2.5 V.
(7) VGS =2V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn