Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSN254 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BSN254
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BSN254 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Feb 19
3
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board; maximum lead length 4 mm; mounting pad for drain lead minimum
10
× 10 mm.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
ID =10 µA; VGS = 0
250
−−
V
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0
−−±100 nA
VGSth
gate-source threshold voltage
ID = 1 mA; VDS =VGS
0.8
2V
RDSon
drain-source on-state resistance
ID = 20 mA; VGS = 2.4 V
−−
7.5
ID = 300 mA; VGS =10V
2.8
5
IDSS
drain-source leakage current
VDS = 200 V; VGS =0
−−
1
µA
 Y
fs
transfer admittance
ID = 300 mA; VDS = 25 V
200
600
mS
Ciss
input capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
100
120
pF
Coss
output capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
21
30
pF
Crss
feedback capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
10
15
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
ID = 250 mA; VDD =50V;
VGS =0to10V
610
ns
toff
turn-off time
ID = 250 mA; VDD =50V;
VGS =10to0V
47
60
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn