Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BQ2050SN-D119 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. BQ2050SN-D119
Description  Lithium Ion Power Gauge IC
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

BQ2050SN-D119 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Voltage Thresholds
In conjunction with monitoring VSR for charge/discharge
currents, the bq2050 monitors the battery potential
through the SB pin. The voltage is determined through
a resistor-divider network per the following equation:
RB1
RB2
2N
=− 1
where N is the number of cells, RB1 is connected to the
positive battery terminal, and RB2 is connected to the
negative battery terminal. The single-cell battery volt-
age is monitored for the end-of-discharge voltage (EDV).
EDV threshold levels are used to determine when the
battery has reached an “empty” state.
Two EDV thresholds for the bq2050 are programmable
with the default values fixed at:
EDV1 (early warning) = 1.52V
EDVF (empty) = 1.47V
If VSB is below either of the two EDV thresholds, the as-
sociated flag is latched and remains latched, independ-
ent of VSB, until the next valid charge. The VSB value is
also available over the serial port.
During discharge and charge, the bq2050 monitors VSR
for various thresholds used to compensate the charge
and discharge rates. Refer to the count compensation
section for details. EDV monitoring is disabled if the
discharge rate is greater than 2C (typical) and resumes
1
2 second after the rate falls below 2C.
RBI Input
The RBI input pin is intended to be used with a storage ca-
pacitor or external supply to provide backup potential to the
internal bq2050 registers when VCC drops below 3.0V. VCC
is output on RBI when VCC is above 3.0V. A diode is re-
quired to isolate the external supply.
Reset
The bq2050 can be reset either by removing VCC and
grounding the RBI pin for 15 seconds or by writing 0x80
to register 0x39.
Temperature
The bq2050 internally determines the temperature in
10°C steps centered from approximately -35°C to +85°C.
The temperature steps are used to adapt charge and dis-
charge rate compensations, self-discharge counting, and
available charge display translation. The temperature
range is available over the serial port in 10°C incre-
ments as shown in the following table:
Layout Considerations
The bq2050 measures the voltage differential between
the SR and VSS pins. VOS (the offset voltage at the SR
pin) is greatly affected by PC board layout. For optimal
results, the PC board layout should follow the strict rule
of a single-point ground return. Sharing high-current
ground with small signal ground causes undesirable
noise on the small signal nodes. Additionally:
n
The capacitors (C1 and C2) should be placed as
close as possible to the VCC and SB pins,
respectively, and their paths to VSS should be as
short as possible. A high-quality ceramic capacitor
of 0.1
µf is recommended for VCC.
n
The sense resistor capacitor should be placed as close
as possible to the SR pin.
n
The sense resistor (RS) should be as close as possible to
the bq2050.
4
bq2050
TMP (hex)
Temperature Range
0x
< -30°C
1x
-30°C to -20°C
2x
-20°C to -10°C
3x
-10°C to 0°C
4x
0°C to 10°C
5x
10°C to 20°C
6x
20°C to 30°C
7x
30°C to 40°C
8x
40°C to 50°C
9x
50°C to 60°C
Ax
60°C to 70°C
Bx
70°C to 80°C
Cx
> 80°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BQ2050HLow-Cost Lithium Ion Power Gauge IC 1 2 3 4 5 MoreTexas Instruments
BQ2050Lithium Ion Power Gauge™ IC 1 2 3 4 5 MoreTexas Instruments
MM1332Control of Lithium Ion Batteries Charging 1 2 3 4 Mitsumi Electronics, Corp.
M62253FPLITHIUM ION BATTERY CHARGER CONTROL IC 1 2 3 4 5 Mitsubishi Electric Semiconductor
LIR2032RECHARGEABLE LITHIUM ION BUTTON BATTERY 1 2 3 List of Unclassifed Manufacturers
LIR2450POWER STREAM LI ION BUTTON CELL LIR 2450 1 2 3 List of Unclassifed Manufacturers
BQ2054Lithium Ion Fast-Charge IC 1 2 3 4 5 MoreTexas Instruments
MM1357Control of Lithium Ion Batteries Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
BQ2058Lithium Ion Pack Supervisor for 3- and 4-Cell Packs 1 2 3 4 5 MoreTexas Instruments
TPCS8102Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn