Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM3419 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM3419
Description  ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3419 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM3419 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM3419
®
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
Tuner Application Example (Cable Modem)
Single-chip direct conversion silicon tuner completes system
design with Broadcom cable modem
DOCSIS
®/EuroDOCSIS™ 1.0/1.1/2.0
Supports 64, 256, and 1024 QAM
Input frequency range of 50 MHz through 860 MHz
IF (intermediate frequency) output range of 4 MHz, 4.5 MHz,
and 5 MHz
For use in 6-MHz, 7-MHz, and 8-MHz systems
High linearity across entire frequency range
Differential signals for high noise immunity
Integrated and cost-effective BOM:
• True single-chip tuner
• Single 3.3V supply voltage
• Fully integrated oscillator
• Fully integrated channel selectivity
Symmetrical IF output for direct connection to channel decoder
RSSI (Received Strength Signal Indicator) information
provided through I2C bus
Standby mode
40-pin MLF package
Extreme integration level leads to highly cost-effective BOM
Eliminates significant external components:
• SAW (Surface Acoustic Wave) IF filters
• RSSI measurement components
• IF amplifiers
• Oscillator components
Package optimization enables low-cost 2-layer system PCB
Minimal in-house RF expertise required
Support for DOCSIS/EuroDOCSIS 2.0 enables one device
solution to be used worldwide
Superior alternative to can tuners
• High quality and reliability (no hand tweaking)
• Enables lower profile and smaller designs
• Proven reference design for quick time-to-market
• Simplified manufacturing flow
Single supply voltage provides low-cost operation
Low-power consumption
Cable Modems
Cable Gateways
Voice Cable Modems
APPL IC ATI O N S
FE A T URE S
SU MM AR Y O F B E N E F I TS


Similar Part No. - BCM3419

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419 Datasheet
156Kb / 2P
   ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
   ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
More results

Similar Description - BCM3419

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
   ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com