Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC556B Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC556B
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC556B Datasheet(HTML) 4 Page - ON Semiconductor

  BC556B Datasheet HTML 1Page - ON Semiconductor BC556B Datasheet HTML 2Page - ON Semiconductor BC556B Datasheet HTML 3Page - ON Semiconductor BC556B Datasheet HTML 4Page - ON Semiconductor BC556B Datasheet HTML 5Page - ON Semiconductor BC556B Datasheet HTML 6Page - ON Semiconductor BC556B Datasheet HTML 7Page - ON Semiconductor BC556B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC556B, BC557, A, B, C, BC558B, C
http://onsemi.com
4
BC557/BC558
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
-0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-0.6
-0.7
-0.8
-0.9
-1.0
-0.5
0
-0.2
-0.4
-0.1
-0.3
1.6
1.2
2.0
2.8
2.4
-1.2
-1.6
-2.0
-0.02
-1.0
-10
0
-20
-0.1
-0.4
-0.8
1.5
1.0
0.7
0.5
0.3
-0.2
-10
-100
-1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -10 V
VCE = -10 V
TA = 25°C
-55°C to +125°C
IC = -100 mA
IC = -20 mA
-0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100 -200
-0.1 -0.2
-0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100
IC = -200 mA
IC = -50 mA
IC =
-10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
-0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
-0.5
TA = 25°C
Cob
Cib
-0.6
-1.0
-2.0
-4.0 -6.0
-10
-20 -30 -40
150
-1.0
-2.0 -3.0 -5.0
-10
-20 -30 -50
VCE = -10 V
TA = 25°C
TA = 25°C
1.0


Similar Part No. - BC556B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556B MOTOROLA-BC556B Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
BC556B MCC-BC556B Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC556B ONSEMI-BC556B Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
SHENZHEN YONGERJIA INDU...
BC556B WINNERJOIN-BC556B Datasheet
68Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BC556B PHILIPS-BC556B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
More results

Similar Description - BC556B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com