Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0514TL Datasheet(PDF) 8 Page - Chip Integration Technology Corporation

Part # T0514TL
Description  Ultra-Low Capacitance ESD Protection Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0514TL Datasheet(HTML) 8 Page - Chip Integration Technology Corporation

  T0514TL Datasheet HTML 1Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 2Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 3Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 4Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 5Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 6Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 7Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 8Page - Chip Integration Technology Corporation T0514TL Datasheet HTML 9Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Marking Codes
6UYWW
1
2
3
4
5
6
Note:
(1) "6U" is part number, fixed.
(2) "YWW" is date code. "Y" is the assembly year
in a year.
Ordering Information
Part Number
Working
Quantity
Per Reel
Reel Size
5V
3,000
7 Inch
Footprint: SOT23-6L
A
B
C
D
E
F
Symbol
Dimensions
Millimeters
Inches
A
0.60
0.024
B
1.10
0.043
C
0.95
0.037
D
1.40
0.055
E
2.50
0.098
F
3.60
0.141
T0514TL
(2011 is "1");while"WW" is the assembly week
Ultra-Low Capacitance ESD Protection Device
T0514TL
Chip Integration Technology Corporation
Voltage
Document ID : DS-22V05
Revised Date : 2016/08/30
Revision : C


Similar Part No. - T0514TL

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0514TP CITC-T0514TP Datasheet
799Kb / 9P
   Ultra-Low Capacitance ESD Protection Device
More results

Similar Description - T0514TL

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
   Ultra-Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0501SA CITC-T0501SA Datasheet
928Kb / 7P
   Ultra-Low Capacitance ESD Protection Device
T0506ST CITC-T0506ST Datasheet
564Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
T0514SP CITC-T0514SP Datasheet
547Kb / 8P
   Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0521SB LUGUANG-LGLT0521SB Datasheet
1Mb / 5P
   Ultra-Low Capacitance ESD Protection Device
LGLT0502SK LUGUANG-LGLT0502SK Datasheet
1Mb / 5P
   Ultra-Low Capacitance ESD Protection Device
LGLT0516ST LUGUANG-LGLT0516ST Datasheet
1Mb / 6P
   Ultra-Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0502SK CITC-T0502SK Datasheet
746Kb / 6P
   Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com