Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR52 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # SR52
Description  5A Leaded Type Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SR52 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  SR52 Datasheet HTML 1Page - Chip Integration Technology Corporation SR52 Datasheet HTML 2Page - Chip Integration Technology Corporation SR52 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
SR52 THRU SR520
5A Leaded Type Schottky Barrier Rectifiers
Document ID : DS-11K82
Revised Date : 2016/05/06
Revision : C4


Similar Part No. - SR52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Yea Shin Technology Co....
SR52 YEASHIN-SR52 Datasheet
406Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR520 HY-SR520 Datasheet
450Kb / 4P
   Surface Mount Schottky Barrier Recitifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR52

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SR32 CITC-SR32 Datasheet
150Kb / 3P
   3A Leaded Type Schottky Barrier Rectifiers
SR22 CITC-SR22 Datasheet
150Kb / 3P
   2A Leaded Type Schottky Barrier Rectifiers
SR12 CITC-SR12 Datasheet
150Kb / 3P
   1A Leaded Type Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR502-LFR FRONTIER-SR502-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02-LFR FRONTIER-SRF5-02-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
TSR520 TAITRON-TSR520 Datasheet
152Kb / 4P
   5A Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SB520 SSC-SB520 Datasheet
338Kb / 2P
   5A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SRF5-02 FRONTIER-SRF5-02 Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
SR502 FRONTIER-SR502 Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com