Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA158S Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BA158S
Description  Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BA158S Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BA158S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BA158S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1
.1
.4
.2
4
2
6
20
10
40
100
60
20
4
2
10
1 00
40
TJ-25
f=1.0MHz
0.001
0.01
0
1.0
0.1
TJ=25
40
60
80
100
20
TJ=100℃
10
0.6
TJ=25
Pulse Width=300µS
0.4
0.04
0.01
0.02
0.06
0.1
0.2
2
1.0
4
100
10
0.8
1.0 1.2 1.4
2.0
1.6 1.8
0.2
0.4
0.6
0.8
1.0
25
50
125
175
0
75
150
100
0
SinglePhase
Half Wave60Hz
Resistiveor
Inductive Load
FIG.4--TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARDVOLTAGE,VOLTS
PERCENTOF RATEDPEAK REVERSE VOLTAGE,%
FORWARD CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
AMBIENTTEMPERATURE,
FIG.3 --TYPICAL INSTANTANEOUS
NUMBEROF CYCLES AT60Hz
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 --MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
1
8.3ms Single Half
Sine-Wave
10
20
30
50
40
4
240
20
10
8
6
100
80
60
Ratings AND Charactieristic Curves
BA157S-BA159S
Fast Recovery Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - BA158S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BA158S-2C1A-2CA-405 DGNJDZ-BA158S-2C1A-2CA-405 Datasheet
263Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA158S

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com