Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4004SG Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N4004SG
Description  1.0 AMP. Glass Passivated Silicon Recrifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4004SG Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4004SG Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4004SG Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4001SG THRU 1N4007SG)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.00
1.25
1.50
AMBIENT TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
4
6
8
10
20
80
40
100
60
0
20
10
40
30
50
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
FORWARD VOLTAGE. (V)
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
210
1
100
10
REVERSE VOLTAGE. (V)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
120
140
0
20
40
60
80
100
PERCENT RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=75 C
0
Tj=25 C
0
100
10
1
0.1
0.01
1N4001SG-1N4007SG
1.0 AMP. Glass Passivated Silicon Recrifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 1N4004SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4004SG TSC-1N4004SG Datasheet
56Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4004SG TSC-1N4004SG Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Shanghai Shunye Electro...
1N4004SG SY-1N4004SG Datasheet
592Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4004SG TSC-1N4004SG Datasheet
488Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4004SG TSC-1N4004SG Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
More results

Similar Description - 1N4004SG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N4001S LUGUANG-1N4001S Datasheet
191Kb / 2P
   1.0 AMP. Silicon Recrifiers
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
   1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001GT DYELEC-1N4001GT Datasheet
834Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001G DYELEC-1N4001G Datasheet
779Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N4007G TSC-1N4007G Datasheet
235Kb / 2P
   1.0 AMP Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com