Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1E362SV Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFK1E362SV
Description  Aluminum Electrolytic Capacitors (SMD Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1E362SV Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFK1E362SV Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1E362SV Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
( ) Reference
L
+
0.3 max.
Pressure Relief
3500
FK
j
Capacitance (μF)
Rated voltage code
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
products
(Black dot)
Frequency correction factor for ripple current
Endurance : 105 °C 5000 h
High capacitance : 20 to 80 % higher than FK series, large capacitance up to 13000 μF
Vibration-proof product is available upon request.
RoHS compliant
Features
Specifications
Dimensions
Marking
(Unit : mm)
Surface Mount Type
Series :
Medium-size FKS Type : V
High temperature
Lead-Free reflow
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC to 35 V.DC
Capacitance range
750 μF to 13000 μF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV (μA) After 2 minutes
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
6.3
10
16
25
35
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
22222
Z(–40 °C)/Z(+20 °C)
33333
Z(–55 °C)/Z(+20 °C)
44433
Endurance
After applying rated working voltage for 5000 hours at +105 °C±2 °C and then being stabilized
at +20 °C, Capacitors shall meet the following limits.
Capacitance change Within ±30 % of the initial value
tan
d
< 300 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Capacitance change Within ±30 % of the initial value
tan d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
AEC-Q200
AEC-Q200 compliant
Example : 6.3 V.DC 3500 μF
Marking color : BLACK
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.75
0.90
0.95
1.00
Size
code 0
D
L
A, B
H
I
W
P
K
H13 12.5 13.5±0.5
13.5 15.0 max. 4.7 0.90±0.3 4.4 0.70±0.30
J16
16.0 16.5±0.5
17.0 19.0 max. 5.5 1.20±0.3 6.7 0.70±0.30
K16
18.0 16.5±0.5
19.0 21.0 max. 6.7 1.20±0.3 6.7 0.70±0.30
K21
18.0 21.5±0.5
19.0 21.0 max. 6.7 1.20±0.3 6.7 0.70±0.30
R. Voltage
(V.DC)
6.3
10
16
25
35
Code
j
ACE
V
May. 2017
00


Similar Part No. - EEEFK1E362SV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1E330AL PANASONIC-EEEFK1E330AL Datasheet
621Kb / 9P
   Aluminum Electrolytic Capacitors
EEEFK1E330AP PANASONIC-EEEFK1E330AP Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFK1E330AP PANASONIC-EEEFK1E330AP Datasheet
137Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFK1E330AP PANASONIC-EEEFK1E330AP Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1E330AP PANASONIC-EEEFK1E330AP Datasheet
247Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
More results

Similar Description - EEEFK1E362SV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
   Aluminum Electrolytic Capacitors (SMD Type)
EEEFK1E101XP PANASONIC-EEEFK1E101XP Datasheet
38Kb / 1P
   Aluminum Electrolytic Capacitors(SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
   Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
   SMD Aluminum Electrolytic Capacitors
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
   Aluminum Electrolytic Capacitors: SMD
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com