Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5557 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5557
Description  Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5557 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5557 Datasheet HTML 6Page - Analog Devices AD5557 Datasheet HTML 7Page - Analog Devices AD5557 Datasheet HTML 8Page - Analog Devices AD5557 Datasheet HTML 9Page - Analog Devices AD5557 Datasheet HTML 10Page - Analog Devices AD5557 Datasheet HTML 11Page - Analog Devices AD5557 Datasheet HTML 12Page - Analog Devices AD5557 Datasheet HTML 13Page - Analog Devices AD5557 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5547/AD5557
Rev. 0 | Page 10 of 20
3.0
2.5
10k
100k
1M
10M
100M
2.0
1.5
1.0
0.5
0
CLOCK FREQUENCY (Hz)
0x5555
0x8000
0xFFFF
0x0000
Figure 12. AD5547 Supply Current vs. Clock Frequency
90
70
10
100
1k
10k
100k
1M
50
40
60
80
30
10
20
0
FREQUENCY (Hz)
VDD =5V ± 10%
VREF =10V
Figure 13. Power Supply Rejection Ratio vs. Frequency
LDAC
VOUT
1
2
CH1 5.00V CH2 2.00V
M 200ns
A CH1
2.70V
B CH1
–6.20V
400.00ns
Figure 14. Settling Time from Full Scale to Zero Scale
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD =5V
VREF =10V
CODES 0x8000
↔0x7FFF
TIME (
µs)
VOUT (50mV/DIV)
LDAC (5V/DIV)
Figure 15. AD5547 Midscale Transition and Digital Feedthrough
0xFFFF
0x8000
0x4000
–12dB
–24dB
–36dB
–48dB
–60dB
–72dB
–84dB
–96dB
–108dB
0x2000
0x1000
0x0800
0x0400
0x0200
0x0100
0x0080
0x0040
0x0020
0x0010
0x0008
0x0004
0x0002
0x0001
0x0000
10
100
1k
100k
10k
1M
10M
START 10.000Hz
STOP 50 000 000.000Hz
REF LEVEL
0.000dB
/DIV
12.000dB
MARKER 4 41 677.200Hz
MAG (A/R)
–2.939db
Figure 16. AD5547 Unipolar Reference Multiplying Bandwidth
0
–12
–24
–36
–48
–60
–72
–84
–96
–108
–120
10
100
1k
100k
10k
1M
10M
START 10.000Hz
STOP 10 000 000.000Hz
REF LEVEL
0.000dB
/DIV
12.000dB
ALL BITS ON
D15 AND D14 ON
D15 AND D13 ON
D15 AND D12 ON
D15 AND D11 ON
D15 AND D10 ON
D15 AND D9 ON
D15 AND D8 ON
D15 AND D7 ON
D15 AND D6 ON
D15 AND D5 ON
D15 AND D4 ON
D15 AND D3 ON
D15 AND D2 ON
D15 AND D1 ON
D15 AND D0 ON
D15 ON
Figure 17. AD5547 Bipolar Reference Multiplying Bandwidth (Codes from
Midscale to Full Scale)


Similar Part No. - AD5557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5557 AD-AD5557 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5557 AD-AD5557 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5557 AD-AD5557 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557 AD-AD5557 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com