Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC50431S Datasheet(PDF) 4 Page - E-CMOS Corporation

Part No. EC50431S
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-CMOS [E-CMOS Corporation]
Homepage  http://www.ecmos.com.tw/
Logo 

EC50431S Datasheet(HTML) 4 Page - E-CMOS Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EC50431S
ADJUSTABLE PRECISION SHUNT REGULATORS
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
5D23N Rev, F001
Electrical Characteristics for EC50431S
Operating Conditions: TA=25℃ unless otherwise specified.
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Unit
Reference
Voltage
0.5%
4
VREF
VKA=VREF, IKA=10mA
2.483
2.500
2.507
V
Deviation of Reference
Voltage Over-Temperature
4
△ V
REF
VKA=VREF
IKA= 10mA
_
4.5
17
mV
Ratio of Change in
Reference Voltage to the
Change in Cathode Voltage
5
△ V
REF/△
VKA
IKA=10mA
△ V
KA = 10V to
VREF
_
-1.1
-2.7
mV / V
△ V
KA = 10V to
36V
_
-1.1
-2.0
Reference Current
5
IREF
IKA=10mA,R1=10KΩ, R2=∞
_
1.5
4
μA
Deviation of Reference
Current Over Full
Temperature Range
5
△ I
REF/△T
IKA=10mA, R1=10KΩ R2=
_
0.4
1.2
μA
Minimum Cathode Current
for Regulation
4
IKA (MIN)
VKA=VREF
_
0.45
1.0
mA
Off-State Cathode Current
6
IKA (OFF)
VKA=36 V, VREF=0
_
0.05
1.0
μA
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA,
f≦1.0KHz
_
0.15
0.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn