Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC50431S Datasheet(PDF) 11 Page - E-CMOS Corporation

Part No. EC50431S
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-CMOS [E-CMOS Corporation]
Homepage  http://www.ecmos.com.tw/
Logo 

EC50431S Datasheet(HTML) 11 Page - E-CMOS Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EC50431S
ADJUSTABLE PRECISION SHUNT REGULATORS
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 11
5D23N Rev, F001
Mechanical Dimensions
Outline
Dimensions: SOT-23-3
DIMENSIONS
DIM
N
MM
DIM
N
MM
MIN
MAX
MIN
MAX
A
-
1.45
L
0.30
0.60
A1
-
0.15
L1
0.6 REF
A2
0.9
1.30
L2
0.25BSC
b
0.30
0.50
R
0.10
-
c
0.08
0.22
R1
0.10
0.25
D
2.80
3.00
θ
E
2.60
3.00
θ1
15°
E1
1.50
1.70
e
0.95BSC
e1
1.90BSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn