Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-501
Description  SINGLE DIGIT DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A-501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-501 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-501X, C/A-521X
SINGLE DIGIT DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-501H
A-501H
GaP
Red
700
2.1
2.8
650
C-501E
A-501E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-501G
A-501G
GaP
Green
565
2.1
2.8
2000
C-501Y
A-501Y
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-501SR
A-501SR
GaAlAs
Super Red
660
1.8
2.4
21000
D7
C-521H
A-521H
GaP
Red
700
2.1
2.8
650
C-521E
A-521E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-521G
A-521G
GaP
Green
565
2.1
2.8
2000
C-521Y
A-521Y
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-521SR
A-521SR
GaAlAs
Super Red
660
1.8
2.4
21000
D8
Fig.D7
Fig.D8
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - A-501

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-501E-A PARALIGHT-A-501E-A Datasheet
197Kb / 10P
   0.50 INCH SINGLE DIGIT DISPLAY
A-501G PARALIGHT-A-501G Datasheet
193Kb / 10P
   0.50 INCH SINGLE DIGIT DISPLAY
A-501SR PARALIGHT-A-501SR Datasheet
229Kb / 11P
   0.50 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - A-501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1801X ETC-C-1801X Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
C-5001H ETC-C-5001H Datasheet
80Kb / 1P
   SINGLE DIGIT DISPLAY
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
C-1021X ETC-C-1021X Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
C-1501X ETC-C-1501X Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Visual Communications C...
VAOS-C-A402G9 VCC-VAOS-C-A402G9 Datasheet
204Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-C-A301S9 VCC-VAOS-C-A301S9 Datasheet
318Kb / 4P
   SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-3001 ETC1-C-3001 Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Visual Communications C...
VAOS-C-A301G9 VCC-VAOS-C-A301G9 Datasheet
320Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-C-A402S9 VCC-VAOS-C-A402S9 Datasheet
201Kb / 4P
   SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-601 ETC-A-601 Datasheet
97Kb / 1P
   SINGLE DIGIT DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com